Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-92 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-92
Description  TRANSISTOR (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-92 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  TO-92 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2N6520
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM : 0.625
W (Tamb=25
℃)
Collector current
ICM :
-0.5
A
Collector-base voltage
V(BR)CBO : -350
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100
µA , I
E=0
-350
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC= -1 mA , IB=0
-350
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10 µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -250 V , IE=0
-0.05
µA
Emitter cut-off current
IEBO
VEB= -4 V , IC=0
-0.05
µA
DC current gain
hFE
VCE=-10 V, IC= -1 mA
VCE=-10 V, IC= -10 mA
VCE=-10 V, IC= -30 mA
VCE=-10 V, IC= -50 mA
VCE=-10 V, IC= -100 mA
20
30
30
20
15
200
200
Collector-emitter saturation voltage
VCE(sat)
IC= -10 mA, IB= -1 mA
IC= -20 mA, IB= -2 mA
IC= -30 mA, IB= -3 mA
IC= -50 mA, IB= -5 mA
-0.3
-0.35
-0.5
-1
V
Base-emitter saturation voltage
VBE(sat)
IC= -10 mA, IB= -1 mA
IC= -20 mA, IB= -2 mA
IC= -30 mA, IB= -3 mA
-0.75
-0.85
-0.9
V
Base-emitter voltage
VBE(on)
VCE=-10V, IC= -100 mA
-2
V
Transition frequency
f T
*
VCE=-20 V, IC= -10 mA
f =20 MHz
40
200
MHz
* Pulse test, Pulse width≤300µs, Duty cycle≤2%.
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
2N6520
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
148Kb / 1P
   TRANSISTOR (NPN)
logo
Supertex, Inc
TO-92 SUTEX-TO-92 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
   TO-92 (3 leads) Leaded Thru-hole Plastic Package
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
TO-92 WINNERJOIN-TO-92 Datasheet
133Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com