Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ6RBD1002X Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJ6RBD1002X
Description  Precision Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6RBD1002X Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJ6RBD1002X Datasheet HTML 1Page - Panasonic Semiconductor ERJ6RBD1002X Datasheet HTML 2Page - Panasonic Semiconductor ERJ6RBD1002X Datasheet HTML 3Page - Panasonic Semiconductor ERJ6RBD1002X Datasheet HTML 4Page - Panasonic Semiconductor ERJ6RBD1002X Datasheet HTML 5Page - Panasonic Semiconductor ERJ6RBD1002X Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Precision Thick Film Chip Resistors
W
T
φA
φC
TT
T
A
P0
P2
P1
P1
φD0
φD1 (Only Emboss)
(2 mm pitch)
● Taping Reel
Packaging Methods (Taping)
● Standard Quantity
● Carrier Tape
Type
Kind of Taping
Pitch (P1)Quantity
ERJXG
Pressed Carrier Taping
2 mm
20000 pcs./reel
ERJ1G,
ERJ1R
15000 pcs./reel
ERJ2RH, ERJ2RK
Punched Carrier Taping
10000 pcs./reel
ERJ3R , ERJ3EK
4 mm
5000 pcs./reel
ERJ6R , ERJ6EN
ERJ8EN
ERJ14N
Embossed Carrier Taping
ERJ12N
ERJ12S
ERJ1TN
4000 pcs./reel
(Unit : mm)
Type
φA
φB
φC
WT
ERJXG
180.0
+0
60 min. 13.0
±1.0
9.0
±1.0
11.4
±1.0
ERJ1G,
ERJ1R
ERJ2RH, ERJ2RK
ERJ3R , ERJ3EK
ERJ6R , ERJ6EN
ERJ8EN
ERJ14N
ERJ12N
13.0
±1.0
15.4
±2.0
ERJ12S
ERJ1TN
(Unit : mm)
–3.0
Type
A
B
W
F
E
P
1
P
2
P
0
φD
0
T
φD
1
ERJXG
0.24
±0.03
0.45
±0.03
8.00
±0.20
3.50
±0.05
1.75
±0.10
2.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.31
±0.05
ERJ1G,
ERJ1R
0.38
±0.05
0.68
±0.05
0.42
±0.05
ERJ2RH, ERJ2RK
0.67
±0.05
1.17
±0.05
0.52
±0.05
ERJ3R , ERJ3EK
1.10
±0.10
1.90
±0.10
4.00
±0.10
0.70
±0.05
ERJ6R , ERJ6EN
1.65
±0.15
2.50
±0.20
0.84
±0.05
ERJ8EN
2.00
±0.15
3.60
±0.20
ERJ14N
2.80
±0.20
3.50
±0.20
8.00
±0.30
1.00
±0.10
1.0
+0.10
ERJ12N
3.50
±0.20
4.80
±0.20
12.00
±0.30
5.50
±0.20
1.5 min.
ERJ12S
2.80
±0.20
5.30
±0.20
ERJ1TN
3.60
±0.20
6.90
±0.20
−0
−0
Pressed Carrier
Punched Carrier
Embossed Carrier
Feb. 2006


Similar Part No. - ERJ6RBD1002X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6RBD1002X PANASONIC-ERJ6RBD1002X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ6RBD1002X PANASONIC-ERJ6RBD1002X Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ6RBD1002X PANASONIC-ERJ6RBD1002X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ6RBD1002X PANASONIC-ERJ6RBD1002X Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ6RBD1002X PANASONIC-ERJ6RBD1002X Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ6RBD1002X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com