Electronic Components Datasheet Search |
|
ERJ2RKD1002X Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ERJ2RKD1002X Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 3 page Precision Thick Film Chip Resistors Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. a b t W L 1 2 3 4 5 6 7 8 9 10 11 12 Product Code Thick Film Chip Resistors Size, Power Rating Type : inch XGN : 01005 1GN : 0201 2RK : 0402 3EK : 0603 6EN : 0805 8EN : 1206 14N : 1210 12N : 1812 12S : 2010 1TN : 2512 Power R. 0.031 W 0.05 W 0.1 W 0.1 W 0.125 W 0.25 W 0.5 W 0.75 W 0.75 W 1 W The first three digits are significant figures of resistance and the last one denotes number of zeros following. Decimal point is expressed by "R". Example : 1002 10 k Resistance Value Resistance Tolerance Code F Tolerance ±1 % Packaging Methods Code Y Pressed Carrier Taping 2 mm pitch, 20,000 pcs. ERJXGN C Pressed Carrier Taping 2 mm pitch, 15,000 pcs. ERJ1GN X Punched Carrier Taping 2 mm pitch, 10,000 pcs. ERJ2RK Embossed Carrier Taping 4 mm pitch, 4,000 pcs. ERJ1TN V Punched Carrier Taping 4 mm pitch, 5,000 pcs. ERJ3EK ERJ6EN ERJ8EN U Embossed Carrier Taping 4 mm pitch, 5,000 pcs. ERJ14N ERJ12N ERJ12S Packaging Type ● ERJXG, 1G, 2R, 3E, 6E, 8E, 14, 12, 1T Series, ±1 % type ■ Construction ■ Dimensions in mm (not to scale) Protective coating Alumina substrate Electrode (Inner) Electrode (Between) Thick film resistive element Electrode (Outer) Type (inch size) Dimensions (mm) Mass (Weight) [g/1000 pcs.] LWa b t ERJXG (01005) 0.40 ±0.02 0.20 ±0.02 0.10 ±0.03 0.10 ±0.03 0.13 ±0.02 0.04 ERJ1G, 1R (0201) 0.60 ±0.03 0.30 ±0.03 0.10 ±0.05 0.15 ±0.05 0.23 ±0.03 0.15 ERJ2R □ (0402) 1.00 ±0.05 0.50 ±0.05 0.20 ±0.10 0.25 ±0.05 0.35 ±0.05 0.8 ERJ3R □ ERJ3EK (0603) 1.60 ±0.15 0.80 +0.15 0.30 ±0.20 0.30 ±0.15 0.45 ±0.10 2 ERJ6R □ ERJ6EN (0805) 2.00 ±0.20 1.25 ±0.10 0.40 ±0.20 0.40 ±0.20 0.60 ±0.10 4 ERJ8EN (1206) 3.20 +0.05 1.60 +0.05 0.50 ±0.20 0.50 ±0.20 0.60 ±0.10 10 ERJ14N (1210) 3.20 ±0.20 2.50 ±0.20 0.50 ±0.20 0.50 ±0.20 0.60 ±0.10 16 ERJ12N (1812) 4.50 ±0.20 3.20 ±0.20 0.50 ±0.20 0.50 ±0.20 0.60 ±0.10 27 ERJ12S (2010) 5.00 ±0.20 2.50 ±0.20 0.60 ±0.20 0.60 ±0.20 0.60 ±0.10 27 ERJ1TN (2512) 6.40 ±0.20 3.20 ±0.20 0.65 ±0.20 0.60 ±0.20 0.60 ±0.10 45 –0.05 –0.15 –0.20 Aug. 2012 03 6 |
Similar Part No. - ERJ2RKD1002X |
|
Similar Description - ERJ2RKD1002X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |