Selected language     English  ▼


N-P1Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. N-P1Z
Description  Produktgruppen−Bezeichnung
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
cyclical, to IEC 60068−2−30
Ambient temperature
Open
°C
–25...50
Enclosed
°C
–25...40
Mounting position
As required
Mechanical shock resistance to
IEC 60068−2−27
Half−sinusoidal
shock 20 ms
g
> 15
Contacts
Rated operational voltage
Ue
V AC
690
Rated impulse withstand voltage
Uimp
V AC
6000
Overvoltage category/pollution
degree
III/3
Rated uninterrupted current
open
Iu
A
20
Enclosed
Iu
A
20
Load rating with intermittent
operation, class 12
AB 25 % DF
× Ie
2
AB 40 % DF
× Ie
1,6
AB 60 % DF
× Ie
1,3
Short−circuit rating
Fuse
A gG/gL 20
Rated short−time withstand
current (1 s current)
Icw
Arms
320
Safe isolation to VDE 0106 Part
101 and Part 101/A1
between the contacts
V AC
440
Switching angles
°
90
60
45
30
Contact units
11
Double−break contacts
max. 22
Current heat loss per contact at
Ie
W
0,6
Terminal capacities
Solid or stranded
mm2
1 × (1 – 2.5)
2 × (1 – 2.5)
Flexible with ferrule to DIN
46228
mm2
1 × (0.75 – 1.5)
2 × (0.75 – 1.5)
Terminal screw
M3.5
2




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl