Electronic Components Datasheet Search
Selected language     English  ā–¼


N-P1Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. N-P1Z
Description  Produktgruppenāˆ’Bezeichnung
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
Tightening torque
Nm
1
Switching capacity
AC
Rated making capacity cos =
0.35
A
130
Rated breaking capacity, motor
load switch cos = 0.35
230 V
A
100
400 V
A
110
500 V
A
80
690 V
A
60
Rated operational current 440 V
loadāˆ’break switch ACāˆ’21A
Ie
A
20
ACāˆ’3 motor load switch motor
rating
230 V
P
kW
3
230 V Starāˆ’delta
P
kW
4
400 V
P
kW
4
400 V Starāˆ’delta
P
kW
5,5
500 V
P
kW
5,5
500 V Starāˆ’delta
P
kW
7,5
690 V
P
kW
4
690 V Starāˆ’delta
P
kW
5,5
ACāˆ’23A Motor load switches
(main switches maintenance
switches)
230 V
P
kW
3,5
400 V
P
kW
6,5
500 V
P
kW
13
Rated operational current control
switch ACāˆ’15
230 V
Ie
A
6
400 V
Ie
A
4
500 V
Ie
A
2
DC
DCāˆ’1, Loadāˆ’break switches L/R
= 1 ms
Rated operational current
Ie
A
10
Voltage per contact pair in series
V
60
DCāˆ’21A
3




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl