Selected language     English  ▼


N-P1Z Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. N-P1Z
Description  Produktgruppen−Bezeichnung
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
Rated operational current 240 V
Ie
A
1
240 V Contacts
Quantity 1
DC−23A, motor load switch L/R
= 15 ms
24 V
Rated operational current
Ie
A
10
Contacts
Quantity 1
48 V
Rated operational current
Ie
A
10
Contacts
Quantity 2
60 V
Rated operational current
Ie
A
10
Contacts
Quantity 3
120 V
Rated operational current
Ie
A
5
Contacts
Quantity 3
240 V
Rated operational current
Ie
A
5
Contacts
Quantity 5
DC−13, Control switches L/R =
50 ms
Rated operational current
Ie
A
10
Voltage per contact pair in series
V
32
Control circuit reliability at 24 V
DC, 10 mA
Fault probability
HF
< 10 −5, < 1 fault in 100000
operations
Notes
Notes
For mechanical shock
resistance: T3.../I... >12g
Applies to T0(3).../SVB:
isolating characteristics to
IEC/EN 60947 Ufor rated
operational voltage up to
500 V AC
Applies to rated
uninterrupted current Iu of
the contact: with
T5−4−8344/I5 max. 95 A
For terminal capacity solid,
stranded and flexible:
T0(3), (6), (8)...: Maximum
of 2 cross−section sizes
difference admissible
between 2 conductors
T5(B)−...: Maximum of 1
4




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl