Selected language     English  ▼


N-P1Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. N-P1Z
Description  Produktgruppen−Bezeichnung
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Type: T0−2−1/I1/SVB
Article No.: 207147
Sales text ON−OFF SWITCH
Ordering information
BME−CAT Fotos
Produktgruppen−Bezeichnung
T0−...
Load current switches
Main switches, maintenance
switches
Design
Surface mounting
Basic type for ... insert mounting form
T0−2−1/...
Mounting form
I1/SVB
No. of poles
M
3
Description
As Emergency−Stop device
General
Standards
IEC/EN 60947, VDE 0660,
IEC/EN 60204, CSA, UL
Switch−disconnectors to
IEC/EN 60947−3
Load−break switches to
IEC/EN 60947−3
Lifespan, mechanical
Operations
× 106
1
Maximum operating frequency
Operations/h
3000
Climatic proofing
Damp heat, constant, to IEC
60068−2−78; Damp heat,
1




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl