Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1357 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SA1357
Description  TRANSISTOR (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SA1357 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SA1357 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SA1357 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM
: 1.5
W (Tamb=25
℃)
Collector current
ICM
: -5
A
Collector-base voltage
V(BR)CBO : -35
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-1mA, IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-10mA, IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-8
V
Collector cut-off current
ICBO
VCB=-35V, IE=0
-100
µA
Emitter cut-off current
IEBO
VEB=-8V, IC=0
-100
µA
hFE(1)
VCE=-2V, IC=-0.5A
100
320
DC current gain
hFE(2)
VCE=-2V, IC=-4A
70
Collector-emitter saturation voltage
VCE(sat)
IC=-4A, IB=-0.1A
-1
V
Base-emitter voltage
VBE
VCE=-2V, IC=-4A
-1.5
V
Transition frequency
fT
VCE=-2V, IC=-0.5A
170
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
62
pF
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
100-200
160-320
Marking
1 2 3
TO-126C
1. EMITTER
2. COLLECTOR
3. EMITTER
2SA1357
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SA1357

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1357 TOSHIBA-2SA1357 Datasheet
151Kb / 2P
   TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1357 TEL-2SA1357 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1357 TOSHIBA-2SA1357 Datasheet
140Kb / 4P
   Strobe Flash Applications Audio Power Amplifier Applications
logo
Inchange Semiconductor ...
2SA1357 ISC-2SA1357 Datasheet
106Kb / 2P
   isc Silicon PNP Power Transistor
logo
Foshan Blue Rocket Elec...
2SA1357 FOSHAN-2SA1357 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package
More results

Similar Description - 2SA1357

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com