Electronic Components Datasheet Search |
|
2SA1464 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
2SA1464 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
1 / 1 page WEJ ELECTRONIC CO.,LTD 2. 80¡ À0. 05 1. 60¡ À0. 05 2SA1464 TRANSISTOR (PNP) FEATURES Power dissipation PCM : 0.2 W (Tamb=25 ℃) Collector current ICM : -0.5 A Collector-base voltage V(BR)CBO : -60 V Operating and storage junction temperature range TJ, Tstg: -55 ℃ to +150℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO Ic=-100 µA, I E=0 -60 V Collector-emitter breakdown voltage V(BR)CEO Ic= -1mA, IB=0 -40 V Emitter-base breakdown voltage V(BR)EBO IE= -100 µA, I C=0 -5 V Collector cut-off current ICBO VCB=- 40 V , IE=0 -0.1 µA Emitter cut-off current IEBO VEB= -4V , IC=0 -0.1 µA DC current gain hFE(1) VCE=- 2V, IC= -150mA 75 140 300 DC current gain hFE(2) VCE=- 2V, IC= -500mA 20 50 Collector-emitter saturation voltage VCE(sat) IC=-500 mA, IB= -50mA -0.45 -0.75 V Base-emitter voltage VBE(on) IC=-500mA, VCE=-50V -1.0 -1.3 V Transition frequency fT VCE=-10V, IC= -20mA 150 400 MHz Ouput Capacitance Cob VCB=-10V, IE=-20mA 5.0 8.0 pF Turn-on Time ton 35 ns Storage Time tstg 225 ns Turn-on Time Toff VCC=-30V IC=150mA IB1=-IB2=15mA 255 ns CLASSIFICATION OF hFE(1) Marking Y12 Y13 Y14 Range 75-150 100-200 150-300 SOT-23-3L 1. EMITTER 2. BASE 3. COLLECTOR 2SA1464 Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
Similar Part No. - 2SA1464 |
|
Similar Description - 2SA1464 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |