Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2535EL Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A2535EL
Description  USB POWER CONTROL SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2535EL Datasheet(HTML) 2 Page - Allegro MicroSystems

  A2535EL Datasheet HTML 1Page - Allegro MicroSystems A2535EL Datasheet HTML 2Page - Allegro MicroSystems A2535EL Datasheet HTML 3Page - Allegro MicroSystems A2535EL Datasheet HTML 4Page - Allegro MicroSystems A2535EL Datasheet HTML 5Page - Allegro MicroSystems A2535EL Datasheet HTML 6Page - Allegro MicroSystems A2535EL Datasheet HTML 7Page - Allegro MicroSystems A2535EL Datasheet HTML 8Page - Allegro MicroSystems A2535EL Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2525 AND 2535
USB
POWER CONTROL
SWITCHES
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2000, Allegro MicroSystems, Inc.
A2535EM
Note that the A2535EM (DIP) and the
A2535EL (SOIC) are electrically identical and
share a common terminal number assignment.
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-009-2
SUFFIX 'L', RθJA = 108
°C/W
SUFFIX 'M', RθJA = 60
°C/W
1
2
3
45
6
7
8
EN
FLG
GND
NC
OUT
IN
NC
NC
Dwg. PP-070-1A
NC
NC
NC
CURRENT
LIMIT
GND
OUT
1.2 V
REF.
Dwg. FP-049
IN
FLG
EN
UVLO
TSD
CHARGE
PUMP
OSC
A2535 ONLY


Similar Part No. - A2535EL

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2530E24A ANAREN-A2530E24A Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
A2530E24A-LPZ ANAREN-A2530E24A-LPZ Datasheet
912Kb / 2P
   Includes three A2530E24A AIR Module BoosterPacks
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
242Kb / 3P
   The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
A2530E24AZ1 ANAREN-A2530E24AZ1_14 Datasheet
242Kb / 3P
   The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
More results

Similar Description - A2535EL

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
   USB DUAL POWER CONTROL SWITCHES
logo
Allegro MicroSystems
2526 ALLEGRO-2526 Datasheet
220Kb / 12P
   USB DUAL POWER CONTROL SWITCHES
logo
Impala Linear Corporati...
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
   USB DUAL CONTROL SWITCHES
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
   DUAL USB POWER CONTROL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com