Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXM2AB2B7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RXM2AB2B7
Description  miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM2AB2B7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RXM2AB2B7 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Product data sheet
Dimensions Drawings
RXM2AB2B7
Miniature Relay
Dimensions
Pin Side View


Similar Part No. - RXM2AB2B7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM2AB2B7 SCHNEIDER-RXM2AB2B7 Datasheet
211Kb / 6P
   Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
RXM2AB2B7PVM SCHNEIDER-RXM2AB2B7PVM Datasheet
183Kb / 6P
   Harmony, Miniature plug-in relay pre-assembled, 10 A, 2 CO, with LED, with lockable test button, mixed terminals socket, 24 V AC
RXM2AB2B7PVS SCHNEIDER-RXM2AB2B7PVS Datasheet
185Kb / 6P
   Harmony, Miniature plug-in relay pre-assembled, 12 A, 2 CO, with LED, with lockable test button, separate terminals socket, 24 V AC
More results

Similar Description - RXM2AB2B7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
   miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
   miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
logo
Schneider Electric
RPM13B7 SCHNEIDER-RPM13B7 Datasheet
119Kb / 5P
   power plug-in relay - Zelio RPM - 1 C/O - 24 V AC - 15 A - with LED
Aug 15, 2019
RXM2AB3B7 SCHNEIDER-RXM2AB3B7 Datasheet
203Kb / 6P
   Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V AC
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
   Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
RPM12BD ETC2-RPM12BD Datasheet
58Kb / 2P
   power plug-in relay - Zelio RPM - 1 C/O - 24 V DC - 15 A - with LED
logo
Schneider Electric
RXM2AB3BD SCHNEIDER-RXM2AB3BD Datasheet
203Kb / 6P
   Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V DC
RXM2AB3F7 SCHNEIDER-RXM2AB3F7 Datasheet
203Kb / 6P
   Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 120 V AC
logo
List of Unclassifed Man...
RUMC3AB1BD ETC2-RUMC3AB1BD Datasheet
73Kb / 5P
   universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
logo
Schneider Electric
RXM2AB2B7 SCHNEIDER-RXM2AB2B7 Datasheet
211Kb / 6P
   Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com