Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD500RA-20SE Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD500RA-20SE
Description  PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500RA-20SE Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD500RA-20SE Datasheet HTML 3Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 4Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 5Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 6Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 7Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 8Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 9Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 10Page - Advanced Linear Devices ALD500RA-20SE Datasheet HTML 11Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ALD500RAU/ALD500RA/ALD500R
Advanced Linear Devices
7
1IB
Bias circuit pin. Connect a 0.1
µF capacitor from this pin to V- to minimize noise.
2CINT
Integrator capacitor connection.
3V-
Negative power supply.
4CAZ
The Auto-zero capacitor connection.
5
BUF
The Integrator resistor buffer connection.
6
AGND
This pin is analog ground.
7C-REF
Negative reference capacitor connection.
8C+REF
Positive reference capacitor connection.
9
N/C
Internally connected. Connect to V- for normal operation.
10
N/C
Internally connected. Connect to V- for normal operation.
11
V-REF
External voltage reference (-) connection. High impedance load (
≥100MΩ) only.
12
V+REF
External voltage reference (+) connection. High impedance load (
≥100MΩ) only.
13
V-IN
Negative analog input.
14
V+IN
Positive analog input.
15
A
Converter phase control MSB Input.
16
B
Converter phase control LSB Input.
17
COUT
Comparator output. COUT is HIGH during the Integration phase when a positive input voltage is being integrated and
is LOW when a negative input voltage is being integrated. A HIGH-to-LOW transition on COUT signals the processor
that the Deintegrate phase is completed. COUT is undefined during the Auto-Zero phase. It should be monitored to
time the Integrator Zero phase.
18
DGND
Digital ground.
19
V+
Positive power supply.
20
CS
Chip select - power down pin. Logic 1 = power on. Logic 0 = power down.
Switch Functions
Input
Reference Input
Auto Zero
Reference
VIN=AGND
System
Connect
Polarity
Sample
Offset
Conversion
Control
Phase
Logic
SWIN
SW+R or SW-R
SWAZ
SWR
SWG
SWS
Auto Zero
A = 0, B = 1
Open
Open
Closed
Closed
Closed
Open
Input Signal
A = 1, B = 0
Closed
Open
Open
Open
Open
Open
Integration
Reference Voltage
A = 1, B = 1
Open
Closed*
Open
Open
Closed
Open
Deintegration
Integrator
A = 0, B = 0
Open
Open
Open
Closed
Closed
Closed
Output Zero
*SW+R would be closed for a positive input signal. SW-R would be closed for a negative input signal.
PIN DESCRIPTION
Pin No.
Symbol
Description
Table 1. Conversion Phase and Control Logic Internal Analog Switch Functions


Similar Part No. - ALD500RA-20SE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RA-20SE ADL-ALD500RA-20SE Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
ALD500RA-20SEI ADL-ALD500RA-20SEI Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results

Similar Description - ALD500RA-20SE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com