Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2526EM Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A2526EM
Description  USB DUAL POWER CONTROL SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2526EM Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A2526EM Datasheet HTML 2Page - Allegro MicroSystems A2526EM Datasheet HTML 3Page - Allegro MicroSystems A2526EM Datasheet HTML 4Page - Allegro MicroSystems A2526EM Datasheet HTML 5Page - Allegro MicroSystems A2526EM Datasheet HTML 6Page - Allegro MicroSystems A2526EM Datasheet HTML 7Page - Allegro MicroSystems A2526EM Datasheet HTML 8Page - Allegro MicroSystems A2526EM Datasheet HTML 9Page - Allegro MicroSystems A2526EM Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2526 AND 2536
USB
DUAL POWER CONTROL
SWITCHES
6
CAPACITIVE-LOAD SWITCHING PERFORMANCE
IOUT
500 mA/
VENABLE
VFAULT
VOUT
2 V/
1 ms/
CL = 1000
µF
RL = 12
CURRENT LIMITING
IOUT
500 mA/
VENABLE
VFAULT
VOUT
2 V/
1 ms/
CL = 50
µF
RL = 100
IOUT
500 mA/
VENABLE
VFAULT
VOUT
2 V/
1 ms/
CL = 100
µF
RL = 100


Similar Part No. - A2526EM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2525EL ALLEGRO-A2525EL Datasheet
201Kb / 12P
   USB POWER CONTROL SWITCHES
A2525EM ALLEGRO-A2525EM Datasheet
201Kb / 12P
   USB POWER CONTROL SWITCHES
More results

Similar Description - A2526EM

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
   USB DUAL POWER CONTROL SWITCHES
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
   USB DUAL CONTROL SWITCHES
logo
Allegro MicroSystems
2525 ALLEGRO-2525 Datasheet
201Kb / 12P
   USB POWER CONTROL SWITCHES
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
   DUAL USB POWER CONTROL SWITCH
LND3526H LINEAR_DIMENSIONS-LND3526H Datasheet
137Kb / 1P
   DUAL USB POWER CONTROL SWITCH
logo
List of Unclassifed Man...
WT6621 ETC2-WT6621 Datasheet
149Kb / 15P
   Dual USB Power Control Switch
CM2026 ETC-CM2026 Datasheet
255Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com