Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-12ZQJR33U Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJ-12ZQJR33U
Description  Thick Film Chip Resistors / Low Resistance Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ-12ZQJR33U Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJ-12ZQJR33U Datasheet HTML 1Page - Panasonic Semiconductor ERJ-12ZQJR33U Datasheet HTML 2Page - Panasonic Semiconductor ERJ-12ZQJR33U Datasheet HTML 3Page - Panasonic Semiconductor ERJ-12ZQJR33U Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thick Film Chip Resistors / Low Resistance Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
(1)
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature Range
(°C)
ERJ2BS (0402)
0.166
±1, ±2, ±5
0.10
to 0.20 (E24)
±300
–55 to +125
ERJ2BQ (0402)
0.22 to 1.0
(E24)
±250
ERJ3BS (0603)
0.25
±1, ±2, ±5
0.10
to 0.20 (E24)
±300
–55 to +125
ERJ3BQ (0603)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ6BS (0805)
0.33
±1, ±2, ±5
0.10
to 0.20 (E24)
±250
–55 to +125
ERJ6BQ (0805)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ8BS (1206)
0.5
±1, ±2, ±5
0.10
to 0.20 (E24)
±250
–55 to +125
ERJ8BQ (1206)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ14BS (1210)
0.5
±1, ±2, ±5
0.10
to 0.20 (E24)
±200
–55 to +125
ERJ14BQ (1210)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature Range
(°C)
ERJ3RS (0603)
0.1
±1, ±2, ±5
0.10 to 0.20 (E24)
±300
–55 to +125
ERJ3RQ (0603)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ6RS (0805)
0.125
±1, ±2, ±5
0.10 to 0.20 (E24)
±250
–55 to +125
ERJ6RQ (0805)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ8RS (1206)
0.25
±1, ±2, ±5
0.10 to 0.20 (E24)
±250
–55 to +125
ERJ8RQ (1206)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ14RS (1210)
0.25
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ14RQ (1210)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ12RS (1812)
0.5
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ12RQ (1812)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ12ZS (2010)
0.5
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 ~ +125
ERJ12ZQ (2010)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ1TRS (2512)
1
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ1TRQ (2512)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
<Standard type>
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
(1)
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature Range
(°C)
ERJ2BW (0402)
0.25
±1, ±2, ±5
47 m to 100 m(E24)
±300
–55 to +155
ERJ3BW (0603)
0.33
±1, ±2, ±5
20 m to 100 m(E24)
R<39m
Ω : ±250
R
>39m Ω : ±150
–55 to +155
ERJ6BW (0805)
0.5
±1, ±2, ±5
10 m to 100 m(E24)
R<15m
Ω : ±300
R
>15m Ω : ±200
–55 to +155
ERJ8BW (1206)
1
±1, ±2, ±5
10 m to 100 m(E24)
10 m
Ω < R < 20 mΩ : ±200
20 m
Ω < R < 47 mΩ : ±150
47 m
Ω < R < 100 mΩ : ±100
–55 to +155
ERJ8CW (1206)
1
±1, ±2, ±5
10 m to
50 m(E24)
±50
–55 to +155 (10 m to 33 m
Ω)
–55 to +125 (36 m to 50 m
Ω)
<High power (double-sided resistive elements structure) type>
Ratings
(1) Please contact us when resistors of irregular series are needed.
<High power type>
(1) Please contact us when resistors of irregular series are needed.
May. 2013
05
12


Similar Part No. - ERJ-12ZQJR33U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-12ZYJ PANASONIC-ERJ-12ZYJ Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERJ-12ZYJ112U PANASONIC-ERJ-12ZYJ112U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
ERJ-12ZYJ205U PANASONIC-ERJ-12ZYJ205U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12ZYJ220U PANASONIC-ERJ-12ZYJ220U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - ERJ-12ZQJR33U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com