Electronic Components Datasheet Search |
|
GRM0225C1C4R8BD05 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
GRM0225C1C4R8BD05 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 182 page C02E.pdf Sep.25,2013 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 6 Temperature Characteristic Codes Public STD Code Reference Temperature Temperature Characteristics Capacitance Change Each Temperature (%) Capacitance Change or Temperature Coefficient Operating Temperature Range –55°C Max. *2 –10°C Temperature Range C0G CK CJ CH SL U2J UJ X7R X7S X7T X7U R X6S X6T X5R X5S B EIA JIS JIS JIS JIS EIA JIS EIA EIA EIA EIA JIS EIA EIA EIA EIA JIS 25°C 20°C 20°C 20°C 20°C 25°C 20°C 25°C 25°C 25°C 25°C 20°C 25°C 25°C 25°C 25°C 20°C 25 to 125°C 20 to 125°C 20 to 125°C 20 to 125°C 20 to 85°C 25 to 125°C *1 20 to 85°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 105°C –55 to 105°C –55 to 85°C –55 to 85°C –25 to 85°C 0±30ppm/°C 0±250ppm/°C 0±120ppm/°C 0±60ppm/°C +350 to –1000ppm/°C –750±120ppm/°C –750±120ppm/°C ±15% ±22% +22%, –33% +22%, –56% ±15% ±22% +22%, –33% ±15% ±22% ±10% –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –25 to 85°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 105°C –55 to 105°C –55 to 85°C –55 to 85°C –25 to 85°C 0.58 2.56 1.37 0.82 - 8.78 - - - - - - - - - - - Min. –0.24 –1.88 –0.9 –0.45 - 5.04 - - - - - - - - - - - Max. 0.4 1.54 0.82 0.49 - 6.04 4.94 - - - - - - - - - - Min. –0.17 –1.13 –0.54 –0.27 - 3.47 2.84 - - - - - - - - - - Max. 0.25 1.02 0.55 0.33 - 3.84 3.29 - - - - - - - - - - Min. –0.11 –0.75 –0.36 –0.18 - 2.21 1.89 - - - - - - - - - - *1 Rated Voltage 100Vdc max: 25 to 85°C *2 –25°C (Reference Temperature 20°C) / –30°C (Reference Temperature 25°C) c GRM Series For the Capacitance Table of General Purpose GRM Series, please review the inserted Capacitance Table of "Chip Monolithic Ceramic Capacitors For General Purpose GRM Series". Capacitance Table Chip Monolithic Ceramic Capacitors For General Purpose GRM Series Chi M li hiC iC i Chip Monolithic Ceramic Capacitors le l Capacitance Tabl pp For General Purpose GRM Series le l Capacitance Tabl C0G U2J EIA: X7R X7S JIS: X7T X7U X6S X6T X5R X5S CK CJ CH SL UJ R B p87 p87 p87 p87 p84 p84 p84 p84 p93 p94 p94 p94 p90 p90 p91 p91 p97 p97 p97 p97 p98 C Δ 25 0.22 0.4×0.2 0.6×0.3 C0G C Δ C0G C0G 0.33 25 5 0. 1.0 0.10pF 0.20pF 1.0pF 2.0pF 3.0pF L×W (mm) T max. (mm) Rated Voltage (Vdc) Cap. / TC Code How to read the Capacitance Table Temperature Characteristics Table The Table is colored by temperature characteristic codes. Refer to the following Table for the meaning of each code. The values can be narrowed down in the order of size, rated voltage, and temperature characteristics. Refers to the page of the part number list. Check the part number list for the applicable product number. Capacitance Table |
Similar Part No. - GRM0225C1C4R8BD05 |
|
Similar Description - GRM0225C1C4R8BD05 |