Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0335C1ER70BZ01D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM0335C1ER70BZ01D
Description  Ultra-small GRM series / GRM033 (0201 Chip size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0335C1ER70BZ01D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM0335C1ER70BZ01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0335C1ER70BZ01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0335C1ER70BZ01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0335C1ER70BZ01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0335C1ER70BZ01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0335C1ER70BZ01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHIP MONOLITHIC CERAMIC CAPACITOR
All information is subject to change without notice, is not warranted in any fashion.
muRata GRM033 2009_6 P.2
Ultra
Ultra--small GRM series / GRM033 (0201 Chip size)
small GRM series / GRM033 (0201 Chip size)
(in mm)
L
W
T
EIA size
L
W
T
0201
0.6+/-0.03
0.3+/-0.03
0.3+/-0.03
Chip dimension
Chip size and Capacitance range
C0G (Temp. Code: 5C) : -55C to 125C, 0+/-30ppm/C
U2J (Temp. Code: 7U) : -55C to 85C, -750+/-120ppm/C (Operating Temp. : -55 to 125C)
X7R (Temp. Code: R7) : -55C to 125C, +/-15%
X6S (Temp. Code: C8) : -55C to 105C, +/-22%
X5R (Temp. Code: R6) : -55C to 85C, +/-15%
1pF
10pF
100pF
1000pF
0.01uF
0.1uF
C0G
50
0.1 - 100pF
50
0.5 - 15pF
25
18 - 100pF
25
100 - 1500pF
16
2200 - 3300pF
10
4700pF - 0.01uF
X6S
6.3
0.015 - 0.047uF
4
0.068uF - 0.1uF
2.5
0.22uF
6.3
0.015 - 0.1uF
4
0.22uF
U2J
TC
Capacitance Range
Type
(Size)
WV
X7R
X5R
GRM033
(0201)
FM7500U-097-Jun.09


Similar Part No. - GRM0335C1ER70BZ01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1ER70BA01 MURATA-GRM0335C1ER70BA01 Datasheet
809Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM0335C1ER70BZ01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM03AG100SN1D MURATA-BLM03AG100SN1D Datasheet
94Kb / 3P
   BLM03A Series (0201 Size)
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
   1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
Murata Manufacturing Co...
NFM18P MURATA-NFM18P Datasheet
77Kb / 4P
   Ultra small size in 1.6x0.8mm
BLM03BD750SN1D MURATA-BLM03BD750SN1D Datasheet
145Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM03B Series (0201 Size)
logo
Murata Manufacturing Co...
NFL18SP207X1A3 MURATA1-NFL18SP207X1A3_V01 Datasheet
292Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/26/2022
NFL18SP307X1A3 MURATA1-NFL18SP307X1A3_V01 Datasheet
291Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/26/2022
NFL18SP157X1A3 MURATA1-NFL18SP157X1A3_V01 Datasheet
292Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/22/2022
NFL18SP507X1A3 MURATA1-NFL18SP507X1A3_V01 Datasheet
291Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com