Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZV2R200A001A00 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # TZV2R200A001A00
Description  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZV2R200A001A00 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button TZV2R200A001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZV2R200A001A00 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26
8
2
Ceramic Trimmer Capacitors
TZS2 Series
s Features
1. Ultra-small and thin type with external dimensions
of 2.2(W)x2.7(L)x0.95(H)mm.
(30% less in volume from the current product.)
2. Unique construction with no plastic material
provides superior soldering heat resistance to
maintain excellent characteristic performance
after reflow soldering.
3. Pierced square hole allows for high resistance to
tuning force and in-process automatic adjustment.
4. Includig the fixed capacitor in parallel with
trimmer capacitor makes reduction of space and
cost of mounting in circuit. Please contact us
about the capacitance value of built-in fixed
capacitor.
s Applications
•Crystal oscillators
•Crystal filters
•Hand radios
•Cordless telephones
•Cellular telephones
•Tuner packs
•Pagers
•Remote keyless entry systems
•PHS
•Radar detectors
•W-LAN
•Compact radios
•Headphone stereos
in mm
Tolerance:
±0.1
2.7
0.6
0.4
0.20 Depth
Part Number
Cmin.
(pF)
Cmax.
(pF)
TC
Q
Rated
Voltage
Withstanding
Voltage
TZS2Z060A001
3.0 max.
6.0 +100/-0%
NP0
±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZS2Z100A001
3.5 max.
10.0 +100/-0%
NP0
±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZS2R200A001
7.0 max.
20.0 +100/-0%
N750
±500ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
Insulation Resistance : 10000M ohm min.
Torque : 0.5~5.0mNm
Operating Temperature Range : -25~+85
°C
s Construction
Cover
Metal Rotor
Monolithic
Stator


Similar Part No. - TZV2R200A001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZV2R200A110B00 MURATA-TZV2R200A110B00 Datasheet
197Kb / 3P
   Can be reflow and flow
logo
Murata Manufacturing Co...
TZV2R200A110B00 MURATA1-TZV2R200A110B00 Datasheet
273Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2R200A110B00 MURATA1-TZV2R200A110B00_V01 Datasheet
273Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
logo
Murata Manufacturing Co...
TZV2R200A110R00 MURATA-TZV2R200A110R00 Datasheet
197Kb / 3P
   Can be reflow and flow
logo
Murata Manufacturing Co...
TZV2R200A110R00 MURATA1-TZV2R200A110R00 Datasheet
273Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
More results

Similar Description - TZV2R200A001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com