Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2559 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2559
Description  PROTECTED QUAD POWER DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2559 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2559 Datasheet HTML 1Page - Allegro MicroSystems 2559 Datasheet HTML 2Page - Allegro MicroSystems 2559 Datasheet HTML 3Page - Allegro MicroSystems 2559 Datasheet HTML 4Page - Allegro MicroSystems 2559 Datasheet HTML 5Page - Allegro MicroSystems 2559 Datasheet HTML 6Page - Allegro MicroSystems 2559 Datasheet HTML 7Page - Allegro MicroSystems 2559 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2559
PROTECTED
QUAD POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OUTPUT
CHARACTERISTIC
CIRCUIT DESCRIPTION AND APPLICATION
INCANDESCENT LAMP DRIVER
High incandescent lamp turn-ON/in-rush currents can contribute to
poor lamp reliability and destroy semiconductor lamp drivers. Warm-
ing or current-limiting resistors protect both driver and lamp but use
significant power either when the lamp is OFF or when the lamp is
ON, respectively. Lamps with steady-state current ratings up to 700
mA can be driven by these devices without the need for warming
(parallel) or current-limiting (series) resistors.
When an incandescent lamp is initially turned ON, the cold fila-
ment is at minimum resistance and would normally allow a 10x to 12x
in-rush current. With these drivers, during turn-ON, the high in-rush
current is sensed by the internal low-value sense resistor. Drive current
to the output stage is then diverted by the shunting transistor, and the
load current is momentarily limited to approximately 1.0 A. During
this short transition period, the output current is reduced to a value
dependent on supply voltage and filament resistance. During lamp
warmup, the filament resistance increases to its maximum value, the
output stage goes into saturation and applies maximum rated voltage to
the lamp.
INDUCTIVE LOAD DRIVER
Bifilar (unipolar) stepper motors, relays, or solenoids can be driven
directly. The internal flyback diodes prevent damage to the output transistors
by suppressing the high-voltage spikes that occur when turning OFF an
inductive load.
For rapid current decay (fast turn-OFF speeds), the use of Zener diodes
will raise the flyback voltage and inprove performance. However, the peak
voltage must not exceed the specified minimum sustaining voltage (VSUPPLY +
VZ + VF ≤ VOUT(SUS)).
FAULT CONDITIONS
In the event of a shorted load, the load current will attempt to
increase. As described above, the drive current to the affected output
stage is reduced, causing the output stage to go linear, limiting the peak
output current to approximately 1 A. As the power dissipation of that
output stage increases, a thermal gradient sensing circuit will become
operational, further decreasing the drive current to the affected output
stage and reducing the output current to a value dependent on supply
voltage and load resistance.
Continuous or multiple overload conditions causing the chip
temperature to reach approximately 165
°C will result in an additional
reduction in output current to maintain a safe level.
If the fault condition is corrected, the output stage will return to its
normal saturated condition.
TYPICAL OUTPUT BEHAVIOR
V
OUT(SAT)
Dwg. GP-013
OUTPUT CURRENT, I
OUT
T < 150
°C
T
= 165
°C
J
J
JUNCTION
TEMP. LIMIT
NOT TO SCALE
TRIP
I
THERMAL
GRADIENT
SENSING
NORMAL LAMP IN-RUSH CURRENT
TIME
THERMAL GRADIENT SENSING
CURRENT LIMIT
Dwg. WP-008
NOT TO SCALE
ITRIP
0


Similar Part No. - 2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2559 ALLEGRO-2559 Datasheet
469Kb / 8P
   PROTECTED QUAD POWER DRIVER
logo
List of Unclassifed Man...
2559 ETC2-2559 Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
2559 ETC2-2559 Datasheet
3Mb / 6P
   Bandwidth up to 300 MHz
logo
Heyco.
2559 HEYCO-2559 Datasheet
153Kb / 1P
   Louvered Plugs
logo
Allegro MicroSystems
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
   PROTECTED QUAD POWER DRIVER
More results

Similar Description - 2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
   PROTECTED QUAD POWER DRIVER
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com