Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPR5A10 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPR5A10
Description  6 mm Square Thin Type Double-action SMD Light Touch Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPR5A10 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPR5A10 Datasheet HTML 1Page - Panasonic Semiconductor EVQPR5A10 Datasheet HTML 2Page - Panasonic Semiconductor EVQPR5A10 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQPR/Q0/3PR
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES137 –
E
1
V
2
Q
3
4
5
6
789
4th, 5th, 6th
PRB, Q04
PR7, 3PR
PR5, PRD
PR9, PRH
Ground Terminal
Without
Without
With
With
Boss
Without
With
Without
With
7th, 8th, 9th
A10
A09
Push Plate
With
Without
Specifications
Type
Snap action/Push-on type SPDT
Push Plate type
With Push Plate
Without Push Plate
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
50 M
min.
Dielectric Withstanding Voltage
100 Vac for 1 minute
Bouncing
3 ms max. (ON)
20 ms max. (OFF)
Mechanical
Operating Force
1st : 0.7 N
1st : 1.0 N
2nd : 2.6 N
2nd : 2.6 N
Travel
1st: 0.4 mm
2nd: 0.6 mm
EnduranceOperating Life
30000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25000 pcs.
6 mm Square Thin Type Double-action SMD
Light Touch Switches
Type:
EVQPR/EVQQ0/EVQ3PR
Explanation of Part Numbers
Features
External dimensions : 6.0 mm 6.0 mm,
Height : 0.9 mm (Without push plate)
0.95 mm (With push plate)
Wide selection of double action operating variations
With push plate
: 1st 0.7 N, 2nd 2.6 N
Without push plate
: 1st 1.0 N, 2nd 2.6 N
Wide selection of double action operating variations
Recommended Applications
Camera function
(Digital still cameras, Camcorders, Mobile phones, etc.)
Operating switches for menu scrolling and confirmation
for portable equipment.
Oct. 2012
00


Similar Part No. - EVQPR5A10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0405M PANASONIC-EVQP0405M Datasheet
76Kb / 3P
   Light Touch Switches/EVQP0/P1/9P
More results

Similar Description - EVQPR5A10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVP-AJAC1A PANASONIC-EVP-AJAC1A Datasheet
107Kb / 3P
   4.7 mm3.5 mm Double-action Side-operational SMD Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
   6 mm Square Long Travel 2R Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com