Electronic Components Datasheet Search |
|
LKP1AF-5V Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
LKP1AF-5V Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ LK-P ASCTB199E 201202-T ORDERING INFORMATION TYPES Notes: 1. Standard packing Carton: 100 pcs. Case: 500 pcs. 2. 18 V DC types are also available. Please consult us for details. RATING 1. Coil data 1a 10A TV-5 rated power relays LK-P RELAYS Contact arrangement Nominal coil voltage Part No. 1 Form A 5V DC LKP1aF-5V 9V DC LKP1aF-9V 12V DC LKP1aF-12V 24V DC LKP1aF-24V Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal operating current [ ±10%] (at 20°C 68°F) Coil resistance [ ±10%] (at 20°C 68°F) Nominal operating power Max. applied voltage (at 20 °C 68°F) 5V DC 70%V or less of nominal voltage (Initial) 10%V or more of nominal voltage (Initial) 106.4mA 47 Ω 530mW 6.5V DC 9V DC 58.8mA 153 Ω 11.7V DC 12V DC 44.2mA 272 Ω 15.6V DC 24V DC 22.1mA 1,087 Ω 31.2V DC VDE RoHS compliant FEATURES 1. High switching capacity: 10 A 277V AC 2. High insulation resistance between contact and coil 1) Creepage distance and clearances between contact and coil: Min. 6 mm .236 inch (In compliance with IEC60065) 2) Surge withstand voltage between contact and coil: 10,000 V 3. Popular terminal pitch in AV equipment field 4. Space-saving slim type Base area: Width 11 × Length 24 mm Width .433 × Length .945 inch 5. Conforms to the various safety standards UL, CSA, VDE, TÜV and SEMKO approved TYPICAL APPLICATIONS • Audio visual equipment TVs, VTRs • Office equipment LBP, CRT • Home appliances Refrigerator, Air conditioner LK-P relay LKP 1a F Protective construction F: Flux-resistant type Nominal coil voltage (DC) 5V, 9V, 12V, 24V Contact arrangement 1a: 1 Form A Notes: Certified by UL, CSA, TÜV and SEMKO VDE approved type is available. Please consult us for details. |
Similar Part No. - LKP1AF-5V |
|
Similar Description - LKP1AF-5V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |