Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-R54 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PM-R54
Description  U-shaped Micro Photoelectric Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R54 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PM-R54 Datasheet HTML 1Page - Panasonic Semiconductor PM-R54 Datasheet HTML 2Page - Panasonic Semiconductor PM-R54 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PM
SPECIFICATIONS
Type
NPN output type
Item
PNP output type
Model
No.
Ultra-small
Small
With flexible cable
With cable
With connector
PM- 24
PM- 24-R
PM- 44
PM- 54
PM- 44P
PM- 54P
5 mm 0.197 in (fixed)
0.8
1.8 mm 0.031
0.071 in opaque object
0.05 mm 0.002 in or less
0.03 mm 0.001 in or less
5 to 24 V DC
10 % Ripple P-P 10 % or less
15 mA or less
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 50 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 0.7 V or less (at 50 mA sink current)
0.4 V or less (at 16 mA sink current)
DC-12 or DC-13
Incorporated with 2 outputs: Light-ON / Dark-ON
Under light received condition: 20 !s or less
Under light interrupted condition: 100 !s or less
(Response frequency: 1 kHz or more)(Note 1)
Vermilion LED (lights up under light received condition)
3 (Industrial environment)
25 to
55 C
13 to
131 F (No dew condensation or icing allowed), Storage:
30 to
80 C
22 to
176 F
35 to 85 % RH, Storage: 35 to 85 % RH
Fluorescent light: 1,000 ?x at the light-receiving face
EN 50081-2, EN 50082-2, EN 60947-5-2
1,000 V AC for one min. between all supply terminals connected together and enclosure
50 M
Ω, or more, with 250 V DC megger between all supply terminals connected together and enclosure
10 to 2,000 Hz frequency, 1.5 mm 0.059 in amplitude in X, Y and Z directions for two hours each
15,000 m/s2 acceleration (1,500 G approx.) in X, Y and Z directions for three times each
Infrared LED (non-modulated)
Enclosure: PBT, Slit cover: Polycarbonate, Terminal part [PM- 54(P) only]: Solder plated
0.09 mm2 4-core cabtyre cable [PM- 24-R: 0.1 mm2 flexible, oil and heat resistant cabtyre
cable (Note 4)], 1 m 3.281 ft long
Extension up to total 100 m 328.084 ft is possible with 0.3 mm2, or more, cable.
10 g approx.
15 g approx.
3 g approx.
Sensing range
Minimum sensing object
Hysteresis
Repeatability
Supply voltage
Current consumption
Output
Utilization category
Output operation
Response time
Operation indicator
Pollution degree
Ambient temperature (Note 2, 3)
Ambient humidity
Ambient illuminance
EMC
Voltage withstandability
Insulation resistance
Vibration resistance
Shock resistance
Emitting element
Material
Cable
Cable extension
Weight
<PNP output type>
PNP open-collector transistor
• Maximum source current: 50 mA
• Applied voltage: 30 V DC or less (between output and V)
• Residual voltage: 0.7 V or less (at 50 mA source current)
0.4 V or less (at 16 mA source current)
Notes: 1) The response frequency is the value when the disc, given in the figure below, is rotated.
Notes: 2) In case the ultra-small type PM- 24(-R) is used at an ambient temperature of
50 C
122 F, or more, make sure to mount it on a metal body.
Notes: 3) Take care that the flexibility of the PM- 24-R cable is lost if the ambient temperature in near
10 C
14 F.
Notes: 4) The cable of PM- 24-R is a flexible cable usable on a moving base. When the sensor is mounted on a moving base, fix the sensor cable joint so that
stress is not applied to it.
Disc
Disc
1.8 mm 0.071 in
1.6 mm 0.063 in
t
0.2 mm 0.008 in
1.6 mm 0.063 in


Similar Part No. - PM-R54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-R54 ETC2-PM-R54 Datasheet
3Mb / 3P
   U-shaped Micro Photoelectric Sensor
More results

Similar Description - PM-R54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-T54 ETC2-PM-T54 Datasheet
3Mb / 3P
   U-shaped Micro Photoelectric Sensor
logo
Panasonic Semiconductor
PM-K25 PANASONIC-PM-K25 Datasheet
999Kb / 16P
   U-shaped Micro Photoelectric Sensor
logo
List of Unclassifed Man...
PM2-LH10 ETC2-PM2-LH10 Datasheet
483Kb / 6P
   Ultra-small U-shaped Micro Photoelectric Sensor
PM-Y64 ETC2-PM-Y64 Datasheet
705Kb / 8P
   Connector Built-in U-shaped Micro Photoelectric Sensor
PM-24 ETC2-PM-24 Datasheet
483Kb / 6P
   Ultra-small U-shaped Micro Photoelectric Sensor Amplifier Built-in
logo
Shenzhen Titan Micro El...
TM-SX670 TITAN-TM-SX670 Datasheet
197Kb / 4P
   Micro photoelectric sensor
logo
Panasonic Semiconductor
GX-F6A PANASONIC-GX-F6A Datasheet
990Kb / 16P
   Rectangular-shaped Inductive Proximity Sensor
logo
Omron Electronics LLC
GX-F8A OMRON-GX-F8A Datasheet
1Mb / 16P
   Rectangular-shaped Inductive Proximity Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com