Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE2AN-Q-DC6V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # HE2AN-Q-DC6V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE2AN-Q-DC6V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  HE2AN-Q-DC6V Datasheet HTML 1Page - Panasonic Semiconductor HE2AN-Q-DC6V Datasheet HTML 2Page - Panasonic Semiconductor HE2AN-Q-DC6V Datasheet HTML 3Page - Panasonic Semiconductor HE2AN-Q-DC6V Datasheet HTML 4Page - Panasonic Semiconductor HE2AN-Q-DC6V Datasheet HTML 5Page - Panasonic Semiconductor HE2AN-Q-DC6V Datasheet HTML 6Page - Panasonic Semiconductor HE2AN-Q-DC6V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
RATING
1. Coil data
1) AC coils
2) DC coils
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Nominal coil voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating current
[
±10%] (at 20°C 68°F)
Nominal operating power
Max. applied voltage
(at 20
°C 68°F)
12V AC
70%V or less of
nominal voltage
(Initial)
15%V or more of
nominal voltage
(Initial)
138mA
1.7VA
110%V of
nominal voltage
24V AC
74mA
1.8VA
48V AC
39mA
1.9VA
100/120V AC
18.7 to 2.1mA
1.9 to 2.7VA
200/240V AC
9.1 to 10.8mA
1.8 to 2.6VA
Nominal coil voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 55
°C 131°F)
6V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
320mA
18.8
1.92W
110%V of
nominal voltage
12V DC
160mA
75
1.92W
24V DC
80mA
300
1.92W
48V DC
40mA
1,200
1.92W
100V DC
19mA
5,200
1.92W
110V DC
18mA
6,300
1.92W
Characteristics
Item
Specifications
Contact
Contact material
AgSnO2 type
Arrangement
1 Form A
2 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Rating
Nominal switching capacity (resistive load)
30A 277V AC
25A 277V AC
Max. switching power
8,310VA
6,925VA
Max. switching voltage
277V AC, 30V DC
Max. switching current
30A
25A
Nominal operating power
DC: 1.92W, AC: 1.7 to 2.7VA
Min. switching capacity (Reference value)*1
100mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
2,000 Vrms for 1min (Detection current: 10mA.)
Between contact sets
4,000 Vrms for 1min (Detection current: 10mA.)
Between contact and coil
5,000 Vrms for 1min (Detection current: 10mA.)
Temperature rise (coil)
DC: Max. 60
°C (at 55°C) (By resistive method), AC: Max. 65°C (at 55°C) (By resistive method)
Surge breakdown voltage*2
(between contact and coil) (Initial)
Min. 10,000V
Operate time (at nominal voltage)
Max. 30ms (excluding contact bounce time)
Release time (at nominal voltage)
DC: Max.10ms (excluding contact bounce time, without diode),
AC: Max. 30ms (excluding contact bounce time)
Mechanical
characteristics
Shock resistance
Functional
Min. 98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical
DC: Min. 107 (at 180 times/min.), AC: Min. 5
×106 (at 180 times/min.)
Electrical (resistive load) (at 20 times/min.)
Min. 105 (30A 277V AC)
Min. 2
×105 (30A 250V AC)
Min. 105 (25A 277V AC)
Min. 2
×105 (20A 250V AC)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –50
°C to +55°C –58°F to +131°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature),
Air pressure: 86 to 106kPa
Max. operating speed
20 times/min. (at max. rating)
Unit weight
PC board type: approx. 80g 2.82oz, Plug-in type/TM type: approx. 90g 3.17oz,
Screw terminal type: approx. 120g 4.23oz


Similar Part No. - HE2AN-Q-DC6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE2AN-Q-DC6V NAIS-HE2AN-Q-DC6V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
logo
Panasonic Semiconductor
HE2AN-Q-DC6V PANASONIC-HE2AN-Q-DC6V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE2AN-Q-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-P-DC6V PANASONIC-HE1AN-P-DC6V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
JTV1AS-PA-12V PANASONIC-JTV1AS-PA-12V Datasheet
90Kb / 4P
   Surge withstand voltage: 6kV 1a/1c 30A power relays
JTV1AS-PA-24V PANASONIC-JTV1AS-PA-24V Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Battery Group
JTV PANASONICBATTERY-JTV Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com