Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM16S1416S32 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PM16S1416S32
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM16S1416S32 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PM16S1416S32 Datasheet HTML 6Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 9Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 10Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 11Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 12Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 13Page - List of Unclassifed Manufacturers PM16S1416S32 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
www.andersonpower.com
- 8 -
All Data Subject To Change Without Notice
| Touch Safety & Ingress Protection (IP) |
UL 1977 Section 10.2:
Typically required for applications where the connector is external to the end device and operating over 30V or 200A,
where wet conditions may be present (600V category).
Testing is performed using a probe that mimics a child’s finger. All features of the connector are tested for live parts
in the unmated state (no pressure applied). A smaller 3 mm probe is then applied in the mated state to test for live
parts. Note that some applications may require the connector to not expose live parts to the 3 mm probe in the mating
interface.
IEC 60950:
From the standard for Information Technology Equipment Safety, the requirements are harmonized with UL1950. Typically
required for commercial and industrial applications where operators may need some degree of protection while acessing
or servicing equipment.
Testing is performed using a probe that mimics an adult finger. All features of the connector are tested for live parts in
the unmated state with 30 N of force applied to the probe.
IEC 60529:
Standard for Degrees of Protection Provided by Enclosures is harmonized with EN 60529.
Protection degree number is assigned to both solids and liquids in that order. For example: a connector with an IP20 rating
is protected against fingers, but has no protection against ingress of liquids. APP® takes a conservative approach in rating
our connectors against liquid ingress and consider any meaningful water ingress to have a harmful effect.
0
Duration: 10 minute
Water: 1 mm / minute rainfall
Pressure: N/A
Duration: 10 minute
Water: 3 mm / minute rainfall
Pressure: N/A
Duration: 5 minute
Water: 0.7 liter / minute
Pressure: 80-100 kN/m²
Duration: 5 minute
Water: 10 liter / minute
Pressure: 80-100 kN/m²
Duration: 3+ minute
Water: 12.5 liter / minute
Pressure: 30 kN/m² @ 3 m distance
Duration: 3+ minute
Water: 100 liter / minute
Pressure: 100 kN/m² @ 3 m distance
Duration: 30 minute
Water: Immersion
Pressure: 1 m depth
Duration: Mfg. specified
Water: Immersion
Pressure: 1+ m depth. Mfg. specified
7
N/A
No ingress of water
in harmful quantity
when immersed up
to 1 m depth
8
No ingress of water
in harmful quantity
when subject to tests
in excess of condition 7
6
Dust sealed
Complete physical
protection and sealed
from dust ingress
Strong water jet from
any direction
(no harmful effect)
5
Dust protected
Complete physical
protection, no functional
interference from dust
Water jet from any
direction
(no harmful effect)
4
> 1 mm
Small pointy tools and
small wires
Water splash from
any direction
(no harmful effect)
3
> 2.5 mm
Typical screw drivers or
large wires
Water spray up to 60
degree angle
(no harmful effect)
2
> 12.5 mm
Adult fingers or similarly
sized objects
Tilted 15 degrees up
dripping water
(no harmful effect)
1
> 50 mm
Large body part such as
back of hand
Vertically dripping water
(no harmful effect)
Not Protected
Not Protected
Description
Protected Against
Description
Protected Against
Protection
Degree
Solids (First Digit)
Liquids (Second Digit)


Similar Part No. - PM16S1416S32

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PM16S1416S32 APP-PM16S1416S32 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16S1416S32-50 APP-PM16S1416S32-50 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - PM16S1416S32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com