Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR22-8 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCR22-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR22-8 Datasheet(HTML) 4 Page - ON Semiconductor

  MCR22-8 Datasheet HTML 1Page - ON Semiconductor MCR22-8 Datasheet HTML 2Page - ON Semiconductor MCR22-8 Datasheet HTML 3Page - ON Semiconductor MCR22-8 Datasheet HTML 4Page - ON Semiconductor MCR22-8 Datasheet HTML 5Page - ON Semiconductor MCR22-8 Datasheet HTML 6Page - ON Semiconductor MCR22-8 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MCR22−6, MCR22−8
http://onsemi.com
4
1000
t, TIME (ms)
10000
5000
0.2
2000
500
200
100
20
50
10
5.0
2.0
1.0
0.5
0.05
0.1
0.01
0.02
0.07
0.7
0.03
0.1
0.2
0.3
0.5
1.0
Figure 4. Thermal Response
0.4
0.5
0.6
0.7
0.8
100
0.3
-75
-50
0
25
75
50
-25
TJ, JUNCTION TEMPERATURE (°C)
VAK = 7.0 V
RL = 100
80
20
0110
100
60
40
TJ, JUNCTION TEMPERATURE (°C)
1.0
5.0
2.0
-40
10
-20
VAK = 12 V
RL = 100 W
1.0
2.0
3.0
5.0
10
20
30
0
-40
-20
50
20
40
60
80
100
100
110
TJ JUNCTION TEMPERATURE (°C)
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
0.2
0.6
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
1.6
1.2
0.4
0
dc
1.4
120
°
1.0
90
°
0.8
180
°
60
°
30
°
TYPICAL CHARACTERISTICS
Figure 5. Typical Gate Trigger Voltage
Figure 6. Typical Gate Trigger Current
Figure 7. Typical Holding Current
Figure 8. Power Dissipation
110


Similar Part No. - MCR22-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR22-8 MOTOROLA-MCR22-8 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR22-8 ONSEMI-MCR22-8 Datasheet
79Kb / 8P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
May, 2000 ??Rev. 3
MCR22-8 ONSEMI-MCR22-8 Datasheet
69Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
July, 2006 ??Rev. 5
logo
SemiWell Semiconductor
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
JIEJIE MICROELECTRONICS...
MCR22-8 JIEJIE-MCR22-8 Datasheet
462Kb / 4P
   2A SENSITIVE SCRs
More results

Similar Description - MCR22-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com