Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD500RAU-20QE Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD500RAU-20QE
Description  PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500RAU-20QE Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD500RAU-20QE Datasheet HTML 2Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 3Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 4Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 5Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 6Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 7Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 8Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 9Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Advanced Linear Devices
ALD500RAU/ALD500RA/ALD500R
DC ELECTRICAL CHARACTERISTICS
TA = 25°C V supply = +5.0V unless otherwise specified; CAZ = CREF = 0.47µf, RREF = 100K(1% metal film)
Parameter
Symbol
500RAU-10
500RAU-20
500RAU-50
Unit
Test Conditions
500RA-10
500RA-20
500RA-50
500R-50
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Voltage Reference
VR
0.998
1.000
1.002
0.997
1.000
1.003
0.995
1.000
1.005
V
Supply Voltage
VRSR
95
95
95
dB
Rejection Ratio
Temperature
VRTC
3
10
7
20
15
50
ppm/C
°
Coefficient
Long Term Drift
∆V
REF /
-0.08
-0.08
-0.08
ppm/
Note 7
∆t
1000hrs
Warm Up Time
10
10
10
min.
Note 7
Positive Supply
V+
4.5
5.5
4.5
5.5
4.5
5.5
V
Operating Voltage Range
Negative Supply
V-
-5.5
-4.5
-5.5
-4.5
-5.5
-4.5
V
Operating Voltage Range
Power Down Supply
IPD
25
25
25
µA
Note 7
Current
NOTES:
1. Integrate time
≥ 66 msec., Auto Zero time ≥ 66 msec., VINT = 4V, VIN = 2.0V Full Scale
Resolution = VINT /integrate time/clock period
2. End point linearity at
±1/4, ±1/2, ±3/4 Full Scale after Full Scale adjustment.
3. Rollover Error also depends on CINT, CREF, CAZ characteristics.
4. Contact factory for other power supply operating voltage ranges, including Vsupply =
±3V or Vsupply = ±2.5V.
5. Recommended selection of clock periods of one of the following:
t clk = 0.27
µsec, 0.54µsec, or 1.09µsec
which corresponds to clock frequencies of 3.6864 MHz, 1.8432 MHz, 0.9216 MHz respectively.
6. RREF is 100K Ω 1% metal film, 50 ppm/C.
7. Sample tested parameter.
~


Similar Part No. - ALD500RAU-20QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU-20QE ADL-ALD500RAU-20QE Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
ALD500RAU-20QEI ADL-ALD500RAU-20QEI Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results

Similar Description - ALD500RAU-20QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com