Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM16P1620B30 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PM16P1620B30
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM16P1620B30 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PM16P1620B30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 6Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM16P1620B30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
www.andersonpower.com
- 2 -
All Data Subject To Change Without Notice
| How to Use this Catalog |
The information in this catalog is provided in layers to allow you to quickly find the information you are looking for.
1) Selection Guides are featured at the front of the catalog and at the beginning of each product section to enable quick
connector selection by electrical attributes and other features.
2) A Technical Reference is provided to give important information common to all connectors in this catalog. Answers
to common questions, definitions of terminology, and technical charts are all included.
3) Overviews at the beginning of each product main section describe the similarities and call out common features of
products within that section.
4) Introductions to the features and benefits of each product are supplied at the beginning of each sub-product
section (SB®50, SB®120, etc).
5) Specifications and Temperature Charts are shown after the main connector components in each sub-product
section to provide detailed technical information (SB®50, SB®120, etc).
6) Tooling Charts are provided at the end of each connector family (SB®, SBS® etc) to quickly identify the correct tooling.
APP Custom Connector Capabilities
Anderson Power Products® specializes in design and manufacture of high current connection systems to meet specific
customer needs. Our expertise in high amperage connections, multiple types of contact technology, and molded
plastic insulators allow us to provide durable, high power connections that fulfill the project requirements of OEM’s.
We look forward to working with OEM’s on their manufacturing scale projects to provide connector solutions which
our current product portfolio may not satisfy. APP® Marketing, Engineering, Quality, Safety Agency, and Manufacturing
teams all contribute through the integrated product development process to create and deliver custom connectors
that exceed our customers’ needs and meet APP® high standards.
Contact your local customer service representative or regional sales manager to explore how APP® custom design
and manufacturing capabilities can meet your high volume connection needs.


Similar Part No. - PM16P1620B30

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PM16P1620A30 APP-PM16P1620A30 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16P1620C30 APP-PM16P1620C30 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16P1620S30 APP-PM16P1620S30 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16P1620S30-50 APP-PM16P1620S30-50 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - PM16P1620B30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com