Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA24VT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMQA24VT
Description  Transient Voltage Suppressors for ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA24VT Datasheet(HTML) 2 Page - ON Semiconductor

  MMQA24VT Datasheet HTML 1Page - ON Semiconductor MMQA24VT Datasheet HTML 2Page - ON Semiconductor MMQA24VT Datasheet HTML 3Page - ON Semiconductor MMQA24VT Datasheet HTML 4Page - ON Semiconductor MMQA24VT Datasheet HTML 5Page - ON Semiconductor MMQA24VT Datasheet HTML 6Page - ON Semiconductor MMQA24VT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMQA, SZMMQA Quad Common Anode Series
http://onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C Unless Otherwise Noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
@ TA ≤ 25°C
Ppk
24
W
Peak Power Dissipation @ 20 ms (Note 2)
@ TA ≤ 25°C
Ppk
150
W
Total Power Dissipation on FR-5 Board (Note 3)
@ TA = 25°C
PD
225
1.8
MW
mW/°C
Thermal Resistance from Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Substrate (Note 4)
@ TA = 25°C
Derate above 25°C
PD
300
2.4
MW
mW/°C
Thermal Resistance from Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
1. Non-repetitive current pulse per Figure 5 and derate above TA = 25°C per Figure 4.
2. Non-repetitive current pulse per Figure 6 and derate above TA = 25°C per Figure 4.
3. FR-5 = 1.0 x 0.75 x 0.62 in.
4. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Noted)
UNIDIRECTIONAL
(Circuit tied to pins 1, 2, and 5; Pins 2, 3, and 5; Pins 2, 4, and 5; or Pins 2, 5, and 6) (VF = 0.9 V Max @ IF = 10 mA)
Device
(Note 8)
Breakdown Voltage
Max
Reverse
Leakage
Current
Max Zener
Impedance
(Note 7)
Max
Reverse
Surge
Current
Max
Reverse
Voltage @
IRSM
(Note 6)
(Clamping
Voltage)
Maximum
Temperature
Coefficient
of VZ
Capacitance
@ 0 Volt
Bias, 1 MHz
VZT
(Note 5)
(V)
@ IZT
IR
VR
(pF)
Min
Nom
Max
(mA)
(nA)
(V)
ZZT @ IZT
(W) (mA)
IRSM
(A)
VRSM
(V)
(mV/°C)
Min
Max
MMQA5V6T
5.32
5.6
5.88
1.0
2000 3.0
400
3.0
8.0
1.26
MMQA6V2T
5.89
6.2
6.51
1.0
700
4.0
300
2.66
9.0
10.6
MMQA6V8T
6.46
6.8
7.14
1.0
500
4.3
300
2.45
9.8
10.9
100
250
MMQA12VT
11.4
12
12.6
1.0
75
9.1
80
1.39
17.3
14
MMQA13VT
12.4
13
13.7
1.0
75
9.8
80
1.29
18.6
15
MMQA15VT
14.3
15
15.8
1.0
75
11
80
1.1
21.7
16
MMQA18VT
17.1
18
18.9
1.0
75
14
80
0.923
26
19
MMQA20VT
19
20
21
1.0
75
15
80
0.84
28.6
20.1
MMQA21VT
20
21
22.1
1.0
75
16
80
0.792
30.3
21
MMQA22VT
20.9
22
23.1
1.0
75
17
80
0.758
31.7
22
MMQA24VT
22.8
24
25.2
1.0
75
18
100
0.694
34.6
25
MMQA27VT
25.7
27
28.4
1.0
75
21
125
0.615
39
28
MMQA33VT
31.4
33
34.7
1.0
75
25
200
0.504
48.6
37
5. VZ measured at pulse test current IT at an ambient temperature of 25°C.
6. Surge current waveform per Figure 5 and derate per Figure 4.
7. ZZT is measured by dividing the AC voltage drop across the device by the AC current supplied. The specified limits are IZ(AC) = 0.1 IZ(DC),
with AC frequency = 1 kHz.
8. Include SZ-prefix devices where applicable.


Similar Part No. - MMQA24VT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA24VT ONSEMI-MMQA24VT Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA24VT ONSEMI-MMQA24VT Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA24VT ONSEMI-MMQA24VT Datasheet
126Kb / 7P
   MMQA, SZMMQA Quad Common Anode Series
February, 2012 ??Rev. 10
MMQA24VT1 ONSEMI-MMQA24VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA24VT1 ONSEMI-MMQA24VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
More results

Similar Description - MMQA24VT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com