Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3U-0010-0932-4 Datasheet(PDF) 5 Page - 3M Electronics

Part # 3U-0010-0932-4
Description  This specification was revised due to the requirement described below.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3U-0010-0932-4 Datasheet(HTML) 5 Page - 3M Electronics

  3U-0010-0932-4 Datasheet HTML 1Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 2Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 3Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 4Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 5Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 6Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 7Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 8Page - 3M Electronics 3U-0010-0932-4 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
JNPS-0135
D
4.
適用
4-1. 製品番号体系図
4-1-1 シェルキット
103 XX-X 2
X 0-X X X
シェルボディ色調
8:黒(標準色)
上記以外の色は別途指定による。
ロゴマーク
0:3M ロゴ
1:ロゴマークなし
上記以外のロゴは別途指定による。
誤挿入防止キー(20 極のみ)
0 :無し
M:1 ノーズタイプ
タイプ M
N:1 ノーズタイプ
タイプ N
P:1 ノーズタイプ
タイプ P
Q:1 ノーズタイプ
タイプ Q
R:1 ノーズタイプ
タイプ R
S:1 ノーズタイプ
タイプ S
ケーブルクランプ方式
0:ネジ止め式クランプ
リセプタクルとの固定方法
A:ジャックスクリューL30 型(M2.6)
K:ジャックスクリューL26 型(M2.6)
F:ワンタッチロック型
S:ストッパー付きジャックスクリュー型(M2.6)
ケーブル引き出し方向
2:ストレート型
ケーブルクランプのグランドプレートの有無
4:グランドプレート無し
5:グランドプレート有り
極数表示
XX:XX 極
14、20、26、36、50 極
製品シリーズ名称
103:MDR シェルシステム


Similar Part No. - 3U-0010-0932-4

ManufacturerPart #DatasheetDescription
logo
C&K Components
3U-0-21-0-0-0-0 CK-COMPONENTS-3U-0-21-0-0-0-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0-02 CK-COMPONENTS-3U-0-21-0-0-02 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-09-0 CK-COMPONENTS-3U-0-21-0-09-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-092 CK-COMPONENTS-3U-0-21-0-092 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0A-0 CK-COMPONENTS-3U-0-21-0-0A-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
More results

Similar Description - 3U-0010-0932-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-36033 TEC-108-36033 Datasheet
286Kb / 6P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below
108-133061 TEC-108-133061 Datasheet
162Kb / 7P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below.
logo
Inolux Corporation
V236BJ1 INOLUX-V236BJ1 Datasheet
662Kb / 29P
   The Approval Specification was first issued.
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com