Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F0808A Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC87F0808A
Description  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0808A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC87F0808A Datasheet HTML 7Page - ON Semiconductor LC87F0808A Datasheet HTML 8Page - ON Semiconductor LC87F0808A Datasheet HTML 9Page - ON Semiconductor LC87F0808A Datasheet HTML 10Page - ON Semiconductor LC87F0808A Datasheet HTML 11Page - ON Semiconductor LC87F0808A Datasheet HTML 12Page - ON Semiconductor LC87F0808A Datasheet HTML 13Page - ON Semiconductor LC87F0808A Datasheet HTML 14Page - ON Semiconductor LC87F0808A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LC87F0808A
No.A1828-11/25
User Option Table
Option name
Option to be applied on
Flash-rom version
Option selected in units of
Option selection
Port output type
P00 to P07
1 bit
CMOS
Nch-open drain
P10 to P17
1 bit
CMOS
Nch-open drain
P20 to P21
1 bit
CMOS
Nch-open drain
P30 to P35
1 bit
CMOS
Nch-open drain
Program start
address
-
-
00000h
01E00h
Protect area
(Note 1)
-
-
00000h to 01BFFh
01C00h to 01EFFh
Low-voltage
detection reset
function
Detect function
-
Enable: Use
Disable: Not Used
Detect level
-
7-level
Power-on reset
function
Power-On reset level
-
8-level
(Note 1) This option selects the area to be write protected at the time of the On-board writing.
Recommended Unused Pin Connections
Port Name
Recommended unused pin connections
Board
Software
P00 to P07
Open
Output low
P10 to P17
Open
Output low
P20 to P21
Open
Output low
P30 to P35
Open
Output low
P70 to P73
Open
Output low
CF1/XT1
Pulled low with a 100k
Ω resistor or less
General-purpose input port
CF2/XT2
Pulled low with a 100k
Ω resistor or less
General-purpose input port
On-chip Debugger Pin Connection Requirements
OWP0 of the On-chip-debugger terminal must add pull-down resistor of 100k
Ω.
The connection with TCB87 Type C are OWP0/VDD/VSS
Note: Be sure to electrically short-circuit between the VSS1 and VSS2 pins and between the VDD1 and VDD2 pins.


Similar Part No. - LC87F0808A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F0808A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com