Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25U20AMB-AH Datasheet(PDF) 1 Page - ON Semiconductor

Part # LE25U20AMB-AH
Description  2M-bit (256Kx8)Serial Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25U20AMB-AH Datasheet(HTML) 1 Page - ON Semiconductor

  LE25U20AMB-AH Datasheet HTML 1Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 2Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 3Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 4Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 5Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 6Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 7Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 8Page - ON Semiconductor LE25U20AMB-AH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
72512 SY 20120426-S00004 No.A2097-1/21
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LE25U20AMB
Overview
The LE25U20AMB is a serial interface-compatible flash memory device with a 256K
× 8-bit configuration. It uses a
single 2.5V power supply. While making the most of the features inherent to a serial flash memory device, the
LE25U20AMB is housed in an 8-pin ultra-miniature package. These features make this device ideally suited to
storing program codes in applications such as portable information devices, which are required to have increasingly
more compact dimensions. Moreover, by using the small sector erase function this product is also suitable for the
parameter or the date storage usage with comparatively little rewriting times that becomes a capacity shortage in
EEPROM.
Features
• Read / write operations enabled by single 2.5V power supply: 2.30 to 3.60V supply voltage range
• Operating frequency
: 30MHz
• Temperature range
: -40 to 85
°C
• Serial interface
: SPI mode 0, mode 3 supported
• Sector size
: 4K bytes/small sector, 64K bytes/sector
• Small sector erase, sector erase, chip erase functions
• Page program function (256 bytes / page)
• Block protect function
• Status functions
: Ready/busy information, protect information
• Highly reliable read/write
Number of rewrite times : 100,000 times
Small sector erase time : 40ms (typ.), 150ms (max.)
Sector erase time
: 80ms (typ.), 250ms (max.)
Chip erase time
: 250ms (typ.), 1.6s (max.)
Page program time
: 4.0ms/256 bytes (typ.), 5.0ms/256 bytes (max.)
• Data retention period
: 20 years
• Package
: SOP8K (200mil)
CMOS IC
2M-bit (256K
×8)
Serial Flash Memory
Ordering number : ENA2097
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - LE25U20AMB-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
204Kb / 21P
   Serial Flash Memory 2 Mb
February 2017 - Rev. 1
More results

Similar Description - LE25U20AMB-AH

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
LE25U20AMB SANYO-LE25U20AMB Datasheet
163Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206_11 Datasheet
167Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
logo
ELM Electronics
GD25Q21B ELM-GD25Q21B Datasheet
3Mb / 49P
   2M-bit Serial Flash
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com