Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337D2T Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM337D2T
Description  1.5 A, Adjustable Output, Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337D2T Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM337D2T Datasheet HTML 2Page - ON Semiconductor LM337D2T Datasheet HTML 3Page - ON Semiconductor LM337D2T Datasheet HTML 4Page - ON Semiconductor LM337D2T Datasheet HTML 5Page - ON Semiconductor LM337D2T Datasheet HTML 6Page - ON Semiconductor LM337D2T Datasheet HTML 7Page - ON Semiconductor LM337D2T Datasheet HTML 8Page - ON Semiconductor LM337D2T Datasheet HTML 9Page - ON Semiconductor LM337D2T Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LM337
http://onsemi.com
9
PACKAGE DIMENSIONS
D2PAK
CASE 936−03
ISSUE D
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
5.080
DIMENSIONS: MILLIMETERS
PITCH
2X
16.155
1.016
2X
10.49
3.504
5 REF
5 REF
V
U
TERMINAL 4
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: INCHES.
3.
TAB CONTOUR OPTIONAL WITHIN
DIMENSIONS A AND K.
4.
DIMENSIONS U AND V ESTABLISH A MINIMUM
MOUNTING SURFACE FOR TERMINAL 4.
5.
DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH OR GATE PROTRUSIONS. MOLD
FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.025 (0.635) MAXIMUM.
6.
SINGLE GAUGE DESIGN WILL BE SHIPPED
AFTER FPCN EXPIRATION IN OCTOBER 2011.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.386
0.403
9.804
10.236
INCHES
B
0.356
0.368
9.042
9.347
C
0.170
0.180
4.318
4.572
D
0.026
0.036
0.660
0.914
E
0.045
0.055
1.143
1.397
F
0.051 REF
1.295 REF
G
0.100 BSC
2.540 BSC
H
0.539
0.579
13.691
14.707
J
0.125 MAX
3.175 MAX
K
0.050 REF
1.270 REF
L
0.000
0.010
0.000
0.254
M
0.088
0.102
2.235
2.591
N
0.018
0.026
0.457
0.660
P
0.058
0.078
1.473
1.981
R
S
0.116 REF
2.946 REF
U
0.200 MIN
5.080 MIN
V
0.250 MIN
6.350 MIN
__
A
12
3
K
F
B
J
S
H
D
M
0.010 (0.254)
T
E
OPTIONAL
CHAMFER
BOTTOM VIEW
OPTIONAL CONSTRUCTIONS
TOP VIEW
SIDE VIEW
DUAL GAUGE
BOTTOM VIEW
L
T
P
R
DETAIL C
SEATING
PLANE
2X
G
N
M
CONSTRUCTION
D
C
DETAIL C
E
OPTIONAL
CHAMFER
SIDE VIEW
SINGLE GAUGE
CONSTRUCTION
S
C
DETAIL C
T
T
D
E
0.018
0.026
0.457
0.660
S


Similar Part No. - LM337D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337D2T ONSEMI-LM337D2T Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
LM337D2T ONSEMI-LM337D2T Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
LM337D2TR4 ONSEMI-LM337D2TR4 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
More results

Similar Description - LM337D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com