Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G02GM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP1G02GM
Description  Low-power 2-input NOR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G02GM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G02GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74AUP1G02
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 June 2012
7 of 21
NXP Semiconductors
74AUP1G02
Low-power 2-input NOR gate
[1]
One input at VCC
− 0.6 V, other input at VCC or GND.
Tamb =
−40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.75
× VCC --
V
VCC = 0.9 V to 1.95 V
0.70
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.30
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO =
−20 μA; VCC = 0.8 V to 3.6 V
VCC
− 0.11 -
-
V
IO =
−1.1 mA; VCC = 1.1 V
0.6
× VCC
--
V
IO =
−1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO =
−1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO =
−2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO =
−3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO =
−2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO =
−4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20
μA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
μA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
μA
ΔIOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0Vto0.2 V
--
±0.75
μA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
1.4
μA
ΔICC
additional supply current
VI = VCC
− 0.6 V; IO = 0 A;
VCC =3.3 V
[1] --
75
μA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G02GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02GM NEXPERIA-74AUP1G02GM Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
More results

Similar Description - 74AUP1G02GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
   Low Power 2-Input OR/NOR Gate/Inverter
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com