Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576D2T-15G Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM2576D2T-15G
Description  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2T-15G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2576D2T-15G Datasheet HTML 7Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 8Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 9Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 10Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 11Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 12Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 13Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 14Page - ON Semiconductor LM2576D2T-15G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM2576
http://onsemi.com
11
Procedure (Fixed Output Voltage Version) (continued)In order to simplify the switching regulator design, a step−by−step
design procedure and some examples are provided.
Procedure
Example
5. Output Capacitor Selection (Cout)
A. Since the LM2576 is a forward−mode switching regulator
with voltage mode control, its open loop 2−pole−1−zero
frequency characteristic has the dominant pole−pair
determined by the output capacitor and inductor values. For
stable operation and an acceptable ripple voltage,
(approximately 1% of the output voltage) a value between
680
mF and 2000 mF is recommended.
B. Due to the fact that the higher voltage electrolytic capacitors
generally have lower ESR (Equivalent Series Resistance)
numbers, the output capacitor’s voltage rating should be at
least 1.5 times greater than the output voltage. For a 5.0 V
regulator, a rating at least 8.0 V is appropriate, and a 10 V or
16 V rating is recommended.
5. Output Capacitor Selection (Cout)
A. Cout = 680 mF to 2000 mF standard aluminium electrolytic.
B. Capacitor voltage rating = 20 V.
Procedure (Adjustable Output Version: LM2576−ADJ)
Procedure
Example
Given Parameters:
Vout = Regulated Output Voltage
Vin(max) = Maximum DC Input Voltage
ILoad(max) = Maximum Load Current
Given Parameters:
Vout = 8.0 V
Vin(max) = 25 V
ILoad(max) = 2.5 A
1. Programming Output Voltage
To select the right programming resistor R1 and R2 value (see
Figure 2) use the following formula:
Resistor R1 can be between 1.0 k and 5.0 k
W. (For best
temperature coefficient and stability with time, use 1% metal
film resistors).
Vout + Vref 1.0 )
R2
R1
R2
+ R1
Vout
V
ref
–1.0
where Vref = 1.23 V
1. Programming Output Voltage (selecting R1 and R2)
Select R1 and R2:
R2 = 9.91 k
W, choose a 9.88 k metal film resistor.
R2
+ R1
Vout
V
ref
* 1.0 + 1.8 k
8.0 V
1.23 V *
1.0
Vout + 1.23 1.0 )
R2
R1
Select R1 = 1.8 k
W
2. Input Capacitor Selection (Cin)
To prevent large voltage transients from appearing at the input
and for stable operation of the converter, an aluminium or
tantalum electrolytic bypass capacitor is needed between the
input pin +Vin and ground pin GND This capacitor should be
located close to the IC using short leads. This capacitor should
have a low ESR (Equivalent Series Resistance) value.
For additional information see input capacitor section in the
“Application Hints” section of this data sheet.
2. Input Capacitor Selection (Cin)
A 100
mF, 150 V aluminium electrolytic capacitor located near
the input and ground pin provides sufficient bypassing.
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
regulator maximum load current the catch diode current
rating must be at least 1.2 times greater than the maximum
load current. For a robust design, the diode should have a
current rating equal to the maximum current limit of the
LM2576 to be able to withstand a continuous output short.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
3. Catch Diode Selection (D1)
A. For this example, a 3.0 A current rating is adequate.
B. Use a 30 V 1N5821 Schottky diode or any suggested fast
recovery diode in the Table 1.


Similar Part No. - LM2576D2T-15G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576D2T-15G ONSEMI-LM2576D2T-15G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576D2T-15G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com