Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337D2TR4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM337D2TR4
Description  1.5 A, Adjustable Output, Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337D2TR4 Datasheet(HTML) 1 Page - ON Semiconductor

  LM337D2TR4 Datasheet HTML 1Page - ON Semiconductor LM337D2TR4 Datasheet HTML 2Page - ON Semiconductor LM337D2TR4 Datasheet HTML 3Page - ON Semiconductor LM337D2TR4 Datasheet HTML 4Page - ON Semiconductor LM337D2TR4 Datasheet HTML 5Page - ON Semiconductor LM337D2TR4 Datasheet HTML 6Page - ON Semiconductor LM337D2TR4 Datasheet HTML 7Page - ON Semiconductor LM337D2TR4 Datasheet HTML 8Page - ON Semiconductor LM337D2TR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 9
1
Publication Order Number:
LM337/D
LM337
1.5 A, Adjustable Output,
Negative Voltage Regulator
The LM337 is an adjustable 3−terminal negative voltage regulator
capable of supplying in excess of 1.5 A over an output voltage range of
−1.2 V to −37 V. This voltage regulator is exceptionally easy to use
and requires only two external resistors to set the output voltage.
Further, it employs internal current limiting, thermal shutdown and
safe area compensation, making it essentially blow−out proof.
The LM337 serves a wide variety of applications including local, on
card regulation. This device can also be used to make a programmable
output regulator, or by connecting a fixed resistor between the
adjustment and output, the LM337 can be used as a precision current
regulator.
Features
Output Current in Excess of 1.5 A
Output Adjustable between −1.2 V and −37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting Constant with Temperature
Output Transistor Safe−Area Compensation
Floating Operation for High Voltage Applications
Eliminates Stocking many Fixed Voltages
Available in Surface Mount D2PAK and Standard 3−Lead Transistor
Package
Pb−Free Packages are Available
Figure 1. Standard Application
Vout + –1.25V 1 )
R
2
R
1
*Cin is required if regulator is located more than 4 inches from power supply filter.
* A 1.0
mF solid tantalum or 10 mF aluminum electrolytic is recommended.
**CO is necessary for stability. A 1.0 mF solid tantalum or 10 mF aluminum electrolytic
** is recommended.
LM337
IPROG
Cin*
1.0
mF
+
-Vin
Vin
Vout
-Vout
CO**
1.0
mF
+
IAdj
R1
120
R2
THREE−TERMINAL
ADJUSTABLE NEGATIVE
VOLTAGE REGULATOR
TO−220AB
T SUFFIX
CASE 221AB
1
MARKING
DIAGRAMS
LM
337xx
AWLYWWG
Pin 1. Adjust
2. Vin
3. Vout
Heatsink surface
connected to Pin 2.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
xx
= BT, T
yyyy = BD2T, D2T
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW = Work Week
G= Pb−Free Package
http://onsemi.com
D2PAK
D2T SUFFIX
CASE 936
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
LM
337yyyy
AWLYWWG


Similar Part No. - LM337D2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337D2TR4 ONSEMI-LM337D2TR4 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TR4G ONSEMI-LM337D2TR4G Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TR4G ONSEMI-LM337D2TR4G Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Similar Description - LM337D2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com