Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1092DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1092DG
Description  Integrated IEEE 802.3af PoE-PD Interface Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1092DG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1092DG Datasheet HTML 1Page - ON Semiconductor NCP1092DG Datasheet HTML 2Page - ON Semiconductor NCP1092DG Datasheet HTML 3Page - ON Semiconductor NCP1092DG Datasheet HTML 4Page - ON Semiconductor NCP1092DG Datasheet HTML 5Page - ON Semiconductor NCP1092DG Datasheet HTML 6Page - ON Semiconductor NCP1092DG Datasheet HTML 7Page - ON Semiconductor NCP1092DG Datasheet HTML 8Page - ON Semiconductor NCP1092DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP1090, NCP1091, NCP1092
http://onsemi.com
5
Recommended Operating Conditions
Operating conditions define the limits for functional operation and parametric characteristics of the device. Note that the
functionality of the device outside the operating conditions described in this section is not warranted. Operating outside the
recommended operating conditions for extended periods of time may affect device reliability.
Table 3. OPERATING CONDITIONS (All values are with respect to VPORTN unless otherwise noted.)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
INPUT SUPPLY
VPORT
Input supply voltage
0
57
V
VPORT = VPORTP –
VPORTN
SIGNATURE DETECTION
Offset_det1
I(VPORTP) + I(RTN)
2
5
mA
VPORTP = RTN = 1.9 V
Rdet = 24.9 KW
Sleep_det1
I(VPORTP) + I(RTN)
15
21
mA
VPORTP = RTN = 9.8 V
Rdet = 24.9 KW
Offset_det2
I(VPORTP) + I(RTN) + I(DET)
73
77
81
mA
VPORTP = RTN = 1.9 V
Rdet = 24.9 KW
Sleep_det2
I(VPORTP) + I(RTN) + I(DET)
390
400
412
mA
VPORTP = RTN = 9.8 V
Rdet = 24.9 KW
CLASSIFICATION
Vcl_on
Classification current turn−on lower
threshold
9.8
11.3
13
V
VPORTP rising
Vcl_off
Classification current turn−off upper
threshold
21
24
V
VPORTP rising
Vclass_reg
Classification buffer output voltage
9.8
V
13 V < VPORTP < 21 V
Icl_bias
I(vportp) quiescent current during
classification
600
mA
I(class) excluded
13 V < VPORTP < 21 V
Iclass0
Class 0: Rclass 4420 W (Note 3)
0
4
mA
13 V < VPORTP < 21 V
Iclass1
Class 1: Rclass 953 W (Note 3)
9
12
mA
13 V < VPORTP < 21 V
Iclass2
Class 2: Rclass 549 W (Note 3)
17
20
mA
13 V < VPORTP < 21 V
Iclass3
Class 3: Rclass 357 W (Note 3)
26
30
mA
13 V < VPORTP < 21 V
Iclass4
Class 4: Rclass 255 W (Note 3)
36
44
mA
13 V < VPORTP < 21 V
UVLO − INTERNAL SETTING − NCP1090/91/92
Vuvlo_on
Default turn on voltage
37
40
V
VPORTP rising
Vuvlo_off
Default turn off voltage
29.6
31
V
VPORTP falling
Vhyst_int
UVLO internal hysteresis
6
V
Uvlo_filter
UVLO On / Off filter time
100
mS
For information only
UVLO − EXTERNAL SETTING – NCP1091 ONLY
Vuvlo_pr
UVLO external programming range
25
50
V
VPORTP rising
Vuvlo_on2
External UVLO turn on voltage
1.14
1.2
1.26
V
Vhyst_off2
External UVLO turn off voltage
0.95
1
1.05
V
Uvlo_ipd
UVLO internal pull down current
2.5
mA
AUXILIARY SUPPLY SETTING – NCP1092 ONLY
Aux_h
AUX input high level voltage
3.1
V
Aux_l
AUX input low level voltage
0.6
V
Aux_pd
AUX internal pull down resistor
100
KW
For information only
3. A tolerance of 1% on the Rclass resistor is included in the min/max values.


Similar Part No. - NCP1092DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results

Similar Description - NCP1092DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com