Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G02GX Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G02GX
Description  Low-power 2-input NOR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G02GX Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G02GX Datasheet HTML 7Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 8Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 9Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 10Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 11Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 12Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 13Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 14Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74AUP1G02
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 June 2012
11 of 21
NXP Semiconductors
74AUP1G02
Low-power 2-input NOR gate
[1]
For measuring enable and disable times RL = 5 k
Ω, for measuring propagation delays, setup and hold times and pulse width RL = 1 MΩ.
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Test circuit for measuring switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
Ω
CL
G
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL [1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC


Similar Part No. - 74AUP1G02GX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02GX NEXPERIA-74AUP1G02GX Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
More results

Similar Description - 74AUP1G02GX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
   Low Power 2-Input OR/NOR Gate/Inverter
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com