Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950CZ-5.0 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LP2950CZ-5.0
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CZ-5.0 Datasheet(HTML) 3 Page - ON Semiconductor

  LP2950CZ-5.0 Datasheet HTML 1Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 2Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 3Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 4Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 5Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 6Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 7Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 8Page - ON Semiconductor LP2950CZ-5.0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
3
MAXIMUM RATINGS (TA = 25C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VCC
30
Vdc
Peak Transient Input Voltage (t < 20 ms)
VCC
32
Vdc
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation
PD
Internally Limited
W
Case 751(SOIC−8) D Suffix
Thermal Resistance, Junction−to−Ambient
RqJA
180
C/W
Thermal Resistance, Junction−to−Case
RqJC
45
C/W
Case 369A (DPAK) DT Suffix (Note 1)
Thermal Resistance, Junction−to−Ambient
RqJA
92
C/W
Thermal Resistance, Junction−to−Case
RqJC
6.0
C/W
Case 29 (TO−226AA/TO−92) Z Suffix
Thermal Resistance, Junction−to−Ambient
RqJA
160
C/W
Thermal Resistance, Junction−to−Case
RqJC
83
C/W
Case 626 N Suffix
Thermal Resistance, Junction−to−Ambient
RqJA
105
C/W
Case 846A (Micro8) DM Suffix
Thermal Resistance, Junction−to−Ambient
RqJA
240
C/W
Feedback Input Voltage
Vfb
−1.5 to +30
Vdc
Shutdown Input Voltage
Vsd
−0.3 to +30
Vdc
Error Comparator Output Voltage
Verr
−0.3 to +30
Vdc
Operating Ambient Temperature Range
TA
−40 to +125
C
Maximum Die Junction Temperature Range
TJ
+150
C
Storage Temperature Range
Tstg
−65 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - LP2950CZ-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950CZ-5.0 NSC-LP2950CZ-5.0 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-5.0 ONSEMI-LP2950CZ-5.0 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2950CZ-5.0 ONSEMI-LP2950CZ-5.0 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Texas Instruments
LP2950CZ-5.0 TI1-LP2950CZ-5.0 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-5.0 ONSEMI-LP2950CZ-5.0 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2950CZ-5.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com