Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1219BD65R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1219BD65R2G
Description  PWM Controller with Adjustable Skip Level and External Latch Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1219BD65R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1219BD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 12Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 13Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 14Page - ON Semiconductor NCP1219BD65R2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCP1219
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 21. Adjustable Skip Threshold vs.
Junction Temperature
Figure 22. Skip Threshold vs. Skip Resistor
TJ, JUNCTION TEMPERATURE (°C)
RSkip, EXTERNAL SKIP RESISTOR (kW)
125
100
75
50
25
0
−25
−50
0.2
0.3
0.4
0.5
0.7
0.8
0.9
1.0
1000
100
10
1
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 23. Soft−Start Period vs. Junction
Temperature
Figure 24. Overload Timer Period vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0
1
2
3
6
7
9
10
125
100
75
50
25
0
−25
−50
90
95
105
110
120
125
135
140
150
0.6
Rskip = 48.7 kW
10000
150
4
5
8
150
100
115
130
1.1
1.2


Similar Part No. - NCP1219BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219BD65R2G ONSEMI-NCP1219BD65R2G Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1219BD65R2G ONSEMI-NCP1219BD65R2G Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
More results

Similar Description - NCP1219BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
   Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
logo
Maxim Integrated Produc...
MAX22201EVKIT MAXIM-MAX22201EVKIT Datasheet
1Mb / 11P
   Configurable for External PWM or Adjustable On-Board PWM Input
Rev 0; 1/21
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com