Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2917EB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # UDN2917EB
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2917EB Datasheet(HTML) 5 Page - Allegro MicroSystems

  UDN2917EB Datasheet HTML 1Page - Allegro MicroSystems UDN2917EB Datasheet HTML 2Page - Allegro MicroSystems UDN2917EB Datasheet HTML 3Page - Allegro MicroSystems UDN2917EB Datasheet HTML 4Page - Allegro MicroSystems UDN2917EB Datasheet HTML 5Page - Allegro MicroSystems UDN2917EB Datasheet HTML 6Page - Allegro MicroSystems UDN2917EB Datasheet HTML 7Page - Allegro MicroSystems UDN2917EB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2917
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
Loads with high distributed capacitances may result in high turn-on
current peaks. This peak (appearing across RS) will attempt to trip the
comparator, resulting in erroneous current control or high-frequency
oscillations. An external RCCC low-pass filter may be needed to delay
the action of the comparator.
LOGIC CONTROL OF OUTPUT CURRENT
Two logic level inputs (I0 and I1) allow digital selection of the motor
winding current at 100%, 67%, 33%, or 0% of the maximum level per
the table. The 0% output current condition turns off all drivers in the
bridge and can be used as an output enable function. These logic level
inputs greatly enhance the implementation of
µP-controlled drive
formats.
During half-step operations, the I0 and I1 inputs allow the
µP to
control the motor at a constant torque between all positions in an eight-
step sequence. This is accomplished by digitally selecting 100% drive
current when only one phase is on and 67% drive current when two
phases are on.
The logic control inputs can also be used to select a reduced
current level (and reduced power dissipation) for ‘hold’ conditions
and/or increased current (and available torque) for start-up conditions.
GENERAL
To avoid excessive voltage spikes on the LOAD SUPPLY pin
(VBB), a large-value capacitor (
≥47 µF) should be connected from VBB
to ground as close as possible to the device. Under no circumstances
should the voltage at LOAD SUPPLY exceed 45 V.
The PHASE input to each bridge determines the direction motor
winding current flows. An internally generated deadtime (approxi-
mately 3
µs) prevents crossover currents that can occur when switch-
ing the PHASE input.
All four drivers in the bridge output can be turned off (VEN
≥ 2.4 V
or I0 = I1
≥ 2.4 V), resulting in a fast current decay through the internal
output clamp and flyback diodes. The fast current decay is desirable
in half-step and high-speed applications. All logic inputs float high; the
ENABLE input must be tied low if it is not used.
Varying the reference voltage (VREF) provides continuous control
of the peak load current for micro-stepping applications, within the
specified limits for VREF.
Thermal protection circuitry turns off all drivers when the junction
temperature reaches +170
°C. It is only intended to protect the device
from failures due to excessive junction temperature and should not
imply that output short circuits are permitted. The output drivers are
re-enabled when the junction temperature cools to +145
°C.
I
0
I
1
Output Current
LL
V
REF /10 RS = ITRIP
HL
V
REF /15 RS = 2/3 ITRIP
LH
V
REF /30 RS = 1/3 ITRIP
HH
0
CURRENT-CONTROL
TRUTH TABLE


Similar Part No. - UDN2917EB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2916 ALLEGRO-UDN2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
STMicroelectronics
UDN2916A STMICROELECTRONICS-UDN2916A Datasheet
128Kb / 8P
   STEPPER MOTOR DRIVER
logo
Allegro MicroSystems
UDN2916B ALLEGRO-UDN2916B Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDN2916B ALLEGRO-UDN2916B Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDN2916B-T ALLEGRO-UDN2916B-T Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - UDN2917EB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com