Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2918SWH Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A2918SWH
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2918SWH Datasheet(HTML) 5 Page - Allegro MicroSystems

  A2918SWH Datasheet HTML 1Page - Allegro MicroSystems A2918SWH Datasheet HTML 2Page - Allegro MicroSystems A2918SWH Datasheet HTML 3Page - Allegro MicroSystems A2918SWH Datasheet HTML 4Page - Allegro MicroSystems A2918SWH Datasheet HTML 5Page - Allegro MicroSystems A2918SWH Datasheet HTML 6Page - Allegro MicroSystems A2918SWH Datasheet HTML 7Page - Allegro MicroSystems A2918SWH Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2918
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
LOAD CURRENT PATHS
General
To avoid excessive voltage spikes on the
LOAD SUPPLY pin (VBB), a large-value
capacitor (
≥47 µF) should be connected from
VBB to the ground pin as close as possible to
the device. Under no circumstances should
the voltage at VBB exceed 45 V.
The PHASE input to each bridge
determines the direction motor winding
current flows. An internally generated
deadtime, of approximately 3
µs, prevents
crossover currents that can occur when
switching the PHASE input.
All four drivers in the bridge output can
be turned OFF, with VEN
≥ 2.4, resulting in
a fast current decay through the internal
ground clamp and flyback diodes. The fast
current decay is desirable in half-step and
high-speed applications. The ENABLE input
must be tied low if it is not used.
Varying the reference voltage (VREF)
provides continuous control of the peak load
current.
Thermal protection circuitry turns OFF all
drivers when the junction temperature
reaches approximately +170
°C. It is
intended only to protect the device from
failures due to excessive junction
temperature and should not imply that output
short circuits are permitted. The output
drivers are re-enabled when the junction
temperature cools to approximately +145
°C.
Dwg. EP-006-1
R S
BB
V
BRIDGE ON
SOURCE OFF
ALL OFF
The products described here are manufactured in Japan by Sanken
Electric Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. reserve the
right to make, from time to time, such departures from the detail
specifications as may be required to permit improvements in the
performance, reliability, or manufacturability of their products.
Therefore, the user is cautioned to verify that the information in this
publication is current before placing any order.
These products are not authorized for use as critical components in
life-support appliances, devices, or systems without express written
approval.
The information included herein is believed to be accurate and
reliable. However, Sanken Electric Co., Ltd. and Allegro
MicroSystems, Inc. assume no responsibility for its use; nor for any
infringements of patents or other rights of third parties which may
result from its use.


Similar Part No. - A2918SWH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
AMIC Technology
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29160BTG-55F AMICC-A29160BTG-55F Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29160BTG-55UF AMICC-A29160BTG-55UF Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A2918SWH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com