Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1651DR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1651DR2G
Description  Single Stage Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1651DR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1651DR2G Datasheet HTML 6Page - ON Semiconductor NCP1651DR2G Datasheet HTML 7Page - ON Semiconductor NCP1651DR2G Datasheet HTML 8Page - ON Semiconductor NCP1651DR2G Datasheet HTML 9Page - ON Semiconductor NCP1651DR2G Datasheet HTML 10Page - ON Semiconductor NCP1651DR2G Datasheet HTML 11Page - ON Semiconductor NCP1651DR2G Datasheet HTML 12Page - ON Semiconductor NCP1651DR2G Datasheet HTML 13Page - ON Semiconductor NCP1651DR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
NCP1651
http://onsemi.com
10
Typical Performance Characteristics
(Test circuits are located in the document TND308/D)
100
50
0
Figure 16. Maximum Duty Cycle versus
Frequency
FREQUENCY (kHz)
99
96
95
93
150
200
250
300
94
98
97
150
100
50
0
Figure 17. Capacitance versus 10% to 90%
Drive Rise and Fall Times
10% TO 90% DRIVE RISE AND FALL TIMES
10,000
1000
100
200
250
300
350
RISE TIME
FALL TIME
Figure 18. Transient Response for 6.5 Volt
Reference
2.0 ms/div
0mA
10 mA
50 mV/div
Vref
Vref Load
150
100
50
--50
Figure 19. Frequency versus Temperature
TEMPERATURE (C)
90
95
105
110
0
100
75
25
--25
125


Similar Part No. - NCP1651DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651DR2G ONSEMI-NCP1651DR2G Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
More results

Similar Description - NCP1651DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
List of Unclassifed Man...
UC3892 ETC1-UC3892 Datasheet
258Kb / 4P
   Two Stage Power Factor Converter
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com