Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-610F Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # GPS-610F
Description  Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-610F Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button GPS-610F Datasheet HTML 4Page - rfsolutions.ltd GPS-610F Datasheet HTML 5Page - rfsolutions.ltd GPS-610F Datasheet HTML 6Page - rfsolutions.ltd GPS-610F Datasheet HTML 7Page - rfsolutions.ltd GPS-610F Datasheet HTML 8Page - rfsolutions.ltd GPS-610F Datasheet HTML 9Page - rfsolutions.ltd GPS-610F Datasheet HTML 10Page - rfsolutions.ltd GPS-610F Datasheet HTML 11Page - rfsolutions.ltd GPS-610F Datasheet HTML 12Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS-GPS610F-1
Jul 09
©
2009 www.rfsolutions.co.uk
Page 8
GPS RECEIVER EXT ANTENNA
GPS-610F
3.2 PINOUT DESCRIPTION
3.2 PINOUT DESCRIPTION
3.2 PINOUT DESCRIPTION
3.2 PINOUT DESCRIPTION
Pin Number
Pin Number
Pin Number
Pin Number
Signal Name
Signal Name
Signal Name
Signal Name
Description
Description
Description
Description
1
Serial Data
Out 1
Asynchronous serial output at LVTTL level, to output NMEA
message
2
Serial Data In
1
Asynchronous serial input at LVTTL level, to input commands
Pull high if not used
3
VCC
Regulated 3.3V power input (3.3V version)
4
GND
Ground
5
PIO Output
PIO output, default used for GPS status indication
6
1PPS
1 pulse per second time mark
7
RESET IN
Reset input, active LOW
8
Serial Data In
2
Asynchronous serial input at LVTTL level,
Pull high if not used
9
VBAT
3.3V backup power input to sustain RTC and SRAM data
Must be connected for module to work.
10
Antenna Power Power input for active antenna
Table 4: Pin definition
Table 4: Pin definition
Table 4: Pin definition
Table 4: Pin definition
4.
4.
4.
4. Environmen
Environmen
Environmen
Environmental Conditions
tal Conditions
tal Conditions
tal Conditions
Parameter
Parameter
Parameter
Parameter
Specification
Specification
Specification
Specification
Temperature
Temperature
Temperature
Temperature
Operating
Operating
Operating
Operating
----20
20
20
20℃
~+65
~+65
~+65
~+65℃
Storage
Storage
Storage
Storage
----55
55
55
55℃
~+100
~+100
~+100
~+100℃
Humidity
Humidity
Humidity
Humidity
5%~95%
5%~95%
5%~95%
5%~95%
Storage
Storage
Storage
Storage
6 months in original vacuum package.
6 months in original vacuum package.
6 months in original vacuum package.
6 months in original vacuum package.
Table
Table
Table
Table 5
5
5
5:::: Environmental
Environmental
Environmental
Environmental conditi
conditi
conditi
conditio
o
o
ons
ns
ns
ns
G
GP
PS
S--6
61
10
0F
F L
La
atte
er
ra
all V
Viie
ew
w


Similar Part No. - GPS-610F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-622F RFSOLUTIONS-GPS-622F Datasheet
403Kb / 17P
   Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
More results

Similar Description - GPS-610F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-622F RFSOLUTIONS-GPS-622F Datasheet
403Kb / 17P
   Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
logo
List of Unclassifed Man...
FGPMMOPA5 ETC-FGPMMOPA5 Datasheet
949Kb / 21P
   51-channel GPS Engine Board
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
TD1204 ETC2-TD1204 Datasheet
274Kb / 32P
   HIGH-PERFORMANCE, LOW-CURRENT SIGFOX??GATEWAY AND GPS RECEIVER
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com