Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4640H120T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4640H120T1G
Description  50 mA, Wide Input Range, Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4640H120T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4640H120T1G Datasheet HTML 1Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 2Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 3Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 4Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 5Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 6Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 7Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 8Page - ON Semiconductor NCP4640H120T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP4640
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS TA = 25°C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
4
36
V
Output Voltage
VIN = VOUT + 3 V, IOUT = 1 mA
VOUT
x0.98
x1.02
V
Output Voltage Temp.
Coefficient
VIN = VOUT + 3 V, IOUT = 1 mA, TA = −40 to
105°C
±100
ppm/°C
Line Regulation
VIN = VOUT + 1.5 V to 36 V, IOUT = 1 mA
LineReg
0.05
0.20
%/V
Load Regulation
VIN = VOUT + 3 V,
IOUT = 1 mA to 40 mA
2.0 V ≤ VOUT < 5.0 V
LoadReg
10
25
mV
5.0 V ≤ VOUT < 12.0 V
20
35
Dropout Voltage
IOUT = 20 mA
2.0 V ≤ VOUT < 3.7 V
VDO
(Note 3)
V
3.7 V ≤ VOUT < 4.0 V
0.35
0.60
4.0 V ≤ VOUT < 5.0 V
0.25
0.40
5.0 V ≤ VOUT < 12.0 V
0.20
0.35
Output Current
VIN = VOUT + 3 V
IOUT
50
mA
Short Current Limit
VOUT = 0 V
ISC
50
mA
Quiescent Current
VIN = VOUT + 3 V, IOUT = 0 mA
IQ
9
20
mA
Standby Current
VIN = 36 V, VCE = 0 V
ISTB
0.1
1
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.5
VIN
V
CE Input Voltage “L”
VCEL
0
0.3
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Release
Temperature
TSR
125
°C
Power Supply Rejection Ratio
VIN = 5.0 V, VOUT = 2.0 V, ΔVIN PK−PK = 0.2 V,
IOUT = 30 mA, f = 1 kHz
PSRR
30
dB
Output Noise Voltage
VOUT = 2.0 V, IOUT = 30 mA, f = 10 Hz to
100 kHz
VN
80
mVrms
3. Dropout voltage for 2.0 V ≤ VOUT < 3.7 V can be computed by this formula: VDO = 4 V − VOUTSET


Similar Part No. - NCP4640H120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
More results

Similar Description - NCP4640H120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com