Electronic Components Datasheet Search |
|
TZS2Z200D001A00 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
TZS2Z200D001A00 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
7 / 46 page Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. T13E7.pdf 02.3.26 6 1 Continued from the preceding page. s Screwdriver Screwdriver for Manual Adjustment Murata Part No. : KMDR160 Please use the following recommended screwdriver. You can order this driver with below part number. Though you can also adjust the capacitance value by commercial products, please use one which has the same head size as the below driver. 1.5 80 Bit shape : Minus(0.3 ×0.13) (in mm) s Notice (Storage and operating condition) 1. Do not use the trimmer capacitor under atmosphere of RTV silicone rubber (Room Temperature Vulcanizing Silicone Rubber) except Acetone liberating silicone sealant. 2. Before using trimmer capacitor, please store under the condition of -10 to +40 C. and 30 to 85%RH. 3. Do not store in or near corrosive gasses. 4. Use within 6 months of deliverly. 5. Open the package just before using. 6. Prior to storing previously opened packages, the packaging should be heat-sealed. Avoid using rubber bands for repackage. 7. Do not store under direct sunlight. 8. Do not use the trimmer capacitor under the conditions listed below. (1) Corrosive gasses atmosphere (Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia gas, Sulfuric acid gas, Nitric oxie gas, etc.) (2) In liquid (Ex. water, oil, medical liquid, organic solvent, etc.) (3) Dusty / dirty atmosphere (4) Direct sunlight (5) Static voltage nor electric/magnetic fields (6) Direct sea breeze (7) Other variations of the above s Notice (Soldering) 1. Soldering (1) TZR1 series can be soldered by reflow soldering method and soldering iron. Do not use flow soldering method (dipping). (2) Standard soldering condition (a) Reflow soldering : Refer to the standard temperature profile. (b) Soldering iron: > Temperature of tip 260+-10 C. > Soldering time 3 sec. max. > Diameter 0.5mm max. > Wattage of iron 20W max. Before using other soldering conditions than those listed above, please consult with Murata factory representative prior to using. If the soldering conditions are not suitable, e.g., excessive time and/or excessive temperature, the trimmer capacitor may deviate from the specified characteristics. (3) The amount of solder is critical. (4) The thickness of solder paste should be printed from 100micro m to 150micro m and the dimension of land pattern should be used Murata's standard land pattern at reflow soldering. Insufficient amounts of solder can lead to insufficient soldering strength on PCB. Excessive amounts of solder may cause the bridging between the terminals or the contact failure due to flux wicking up. (5) When using soldering iron, the diameter of the string solder shall be less than 0.5mm. The string solder shall be applied to the lower part of the terminal only and do not apply flux except the terminals. Excessive amounts of solder and/or applying solder to the upper part of the terminal may cause fixed metal rotor or the contact failure due to flux invasion into the movable part and/or the contact point. The soldering iron should not come in contact with the monolithic stator of the trimmer capacitor. If such contact does occur, the trimmer capacitor may be damaged. (6) Our recommendable chlorine content of solder is as follows. (a) Solder paste: 0.2wt% max. (b) String solder: 0.5wt% max. (7) Do not use water-soluble flux (for water Continued on the following page. |
Similar Part No. - TZS2Z200D001A00 |
|
Similar Description - TZS2Z200D001A00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |