Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP551SN15T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP551SN15T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP551SN15T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP551SN15T1G Datasheet HTML 1Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 2Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 3Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 4Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 5Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 6Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 7Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 8Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCP551, NCV551
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 1.0 V, VEN = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TA = 25C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25C, Iout = 10 mA)
1.4 V
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
2.9 V
3.0 V
3.1 V
3.2 V
3.3 V
3.8 V
5.0 V
Vout
1.358
1.455
1.746
2.425
2.646
2.744
2.842
2.940
3.038
3.136
3.234
3.724
4.90
1.4
1.5
1.8
2.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.8
5.0
1.442
1.545
1.854
2.575
2.754
2.856
2.958
3.060
3.162
3.264
3.366
3.876
5.10
V
Output Voltage (TA = Tlow to Thigh, Iout = 10 mA)
1.4 V
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
2.9 V
3.0 V
3.1 V
3.2 V
3.3 V
3.8 V
5.0 V
Vout
1.344
1.440
1.728
2.400
2.619
2.716
2.813
2.910
3.007
3.104
3.201
3.686
4.850
1.4
1.5
1.8
2.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.8
5.0
1.456
1.560
1.872
2.600
2.781
2.884
2.987
3.090
3.193
3.296
3.399
3.914
5.150
V
Line Regulation (Vin = Vout + 1.0 V to 12 V, Iout = 10 mA)
Regline
10
30
mV
Load Regulation (Iout = 10 mA to 150 mA, Vin = Vout + 2.0 V)
Regload
40
65
mV
Output Current (Vout = (Vout at Iout = 100 mA) −3%)
1.4 V−2.0 V (Vin = 4.0 V)
2.1 V−3.0 V (Vin = 5.0 V)
3.1 V−4.0 V (Vin = 6.0 V)
4.1 V−5.0 V (Vin = 8.0 V)
Io(nom.)
150
150
150
150
mA
Dropout Voltage (Iout = 10 mA, Measured at Vout −3.0%)
1.4 V
1.5 V, 1.8 V, 2.5 V
2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.2 V, 3.3 V, 3.8 V, 5.0 V
Vin−Vout
170
130
40
250
220
150
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
4.0
1.0
8.0
mA
Output Voltage Temperature Coefficient
Tc
"100
ppm/C
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Short Circuit Current (Vout = 0 V)
1.4 V−2.0 V (Vin = 4.0 V)
2.1 V−3.0 V (Vin = 5.0 V)
3.1 V−4.0 V (Vin = 6.0 V)
4.1 V−5.0 V (Vin = 8.0 V)
Iout(max)
160
160
160
160
350
350
350
350
600
600
600
600
mA
3. Maximum package power dissipation limits must be observed.
PD +
TJ(max) * TA
RqJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. NCP551
Tlow = −40CThigh = +85C
NCV551
Tlow = −40CThigh = +125C.


Similar Part No. - NCP551SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
More results

Similar Description - NCP551SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com