Electronic Components Datasheet Search |
|
TZ03N200D001A00 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
TZ03N200D001A00 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 46 page t A y 001 q TZ u R00 r 200 e R w Y2 o Part Numbering The structure of the "Global Part Numbers" that have been adopted since June 2001 and the meaning of each code are described herein. If you have any questions about details, inquire at your usual Murata sales office or distributor. () 2 (Global Part Number) qProduct ID TZ Trimmer Capacitors Product ID rMaximum Capacitance Expressed by three figures. The unit is pico-farad(pF). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers. If there is a decimal point, it is expressed by the capital letter " R". In this case, all figures are significant digits. Ceramic Trimmer Capacitors tTerminal Shape Code Terminal Shape A B C D E F N T Y Top Adjustment; Top Adjustment; Rear Adjustment; Top Adjustment; Rear Adjustment; Top Adjustment; Rear Adjustment; Top Adjustment; Rear Adjustment; Top Adjustment; Side Adjustment; TZR1,TZS2,TZY2, TZV2,TZC3,TZB4 (SMD Type) TZB4 (SMD Type), TZ03 (Lead Type) TZB4 (Lead Type) TZB4 (Lead Type) TZ03 (Lead Type), TZB4 (SMD Type) TZ03 (Lead Type) TZ03 (Lead Type) TZ03 (Taping Type) TZ03 (Lead Type) uPackaging Code A00 B00 M00 R00 R01 Ammo Pack (Radial Taping) Bulk Magazine Reel (Taping ø180mm) Reel (Taping ø330mm) Packaging wSeries/Terminal Code 03 B4 C3 S2 Y2 V2 R1 6mm Size Lead Type 4mm Size SMD/Lead Type 3mm Size SMD Type 2mm Size SMD Type (Height 1.0mm) 2mm Size SMD Type (Height 1.25mm) 2mm Size SMD Type (Height 1.45mm) 1mm Size SMD Type (Height 0.90mm) Series/Terminal eTemperature Characteristics Code Z S N T R K P NP0 ppm/ °C N150ppm/ °C N200ppm/ °C N450ppm/ °C N750ppm/ °C N1000ppm/ °C N1200ppm/ °C Temperature Characteristics Please refer to dimensions for terminals in detail. yIndividual Specification Code 001 110 169 310 A10 B10 TZR1,TZS2,TZY2 Standard Type TZV2,TZC3 (Minus Slot) Standard Type TZ03 Standard Type TZC3 (Plus Slot) Standard Type TZB4 No-cover Film Standard Type TZB4 with Cover Film Standard Type Individual Specifications Please refer to ratings for tolerance of temperature characteristics. Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. T13E7.pdf 02.3.26 |
Similar Part No. - TZ03N200D001A00 |
|
Similar Description - TZ03N200D001A00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |