Selected language     English  â–¼


4-140-4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. 4-140-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 7 page
background image
7
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
Carton/Paper
Glass
Plastic
Wood
Foil
Metal
Stone
Leather
edding 2000 / 2000 C
Permanent marker with bullet tip,
permanent, low-odour ink.
edding 2000
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-2000xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-2000999
edding 2000 C
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-2000Cxxx*
2000 C/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-2000C-4
3000 N Spare tips.
Order no.
Box of 10.
4-3000N
009
008
007
010
006
005
004
003
002
001
edding 2200 / 2200 C
Permanent marker with chisel tip,
permanent, low-odour ink.
edding 2200
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-2200xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-2200999
edding 2200 C
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-2200Cxxx*
No.1/3300 N Spare tips.
Order no.
Box of 10.
4-3300N
009
008
007
010
006
005
004
003
002
001
~1.5–3 mm
004
003
002
001
004
003
002
001
~1–5 mm
edding No.1
Permanent marker with chisel tip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-1xxx*
No.1/3300 N Spare tips.
Order no.
Box of 10.
4-3300N
004
003
002
001
~1–5 mm
edding comfort 3
Permanent marker with bullet tip
and comfortable rubber grip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-C3xxx*
3000 N Spare tips.
Order no.
Box of 10.
4-3000N
~1.5–3 mm
004
003
002
001




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl