Selected language     English  ▼


4-140-4 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. 4-140-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 9 page
background image
9
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 850
Permanent marker
with chisel tip,
permanent,
low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 5 in each colour.
4-850xxx*
850 N-A Spare tips.
Order no.
Box of 10.
4-850N
~5–16 mm
004
003
002
001
010
009
008
007
006
005
004
003
002
001
004
003
002
001
004
003
002
001
004
003
002
001
004
003
002
001
Refill ink for edding permanent markers
Permanent, low-odour ink in bottles with pouring device.
For refilling the permanent markers edding comfort 3,
2000/2000 C, 2200/2200 C, No.1, 400, 404, 500, 550,
800, 850, 353, 370, 390.
Also suitable for direct application with
paintbrushes, quills, stencils and stamps.
edding T 25
Contents 30 ml.
Colours: 001–010.
Order no.
Box of 10 in each colour.
4-T25xxx*
edding T 100
Contents 100 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-T100xxx*
edding T 1000
Permanent, low-odour ink for refilling
large quantities of permanent markers.
Also suitable for direct application with paintbrushes,
quills, stencils and stamps.
Contents 1000 ml.
Colours: 001–004.
Order no.
Bottle of 1 in each colour.
4-T1000xxx*
edding V 100
Thinner for refill ink
edding T 25, T 100, T 1000.
Contents 100 ml.
Colour: 100.
Order no.
Box of 10.
4-V100100
edding MTK 25
Permanent, low-odour ink in a bottle
with capillary system.
For refilling the permanent markers edding comfort 3,
2000/2000 C, 2200/2200 C, No.1, 400, 404, 300,
330, 370. Simply insert the tip of the marker into the
refill bottle and after a few minutes it is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-MTK25xxx*
edding RMTK 25
Permanent, low-odour ink in a bottle
with capillary system.
For refilling the edding retract 11 permanent markers.
Simply insert the extended tip of the marker into the refill
bottle and after a short time your marker is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-RMTK25xxx*




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl