Selected language     English  ▼


4-140-6 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. 4-140-6
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
11
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
PAINT MARKERS
Pigment Ink with no added toluene / xylene. Waterproof, quick-drying ink. Ink flow regulated by a special valve.
Excellent adhesion, even on smooth and porous surfaces. High wear resistance on almost all surfaces. Heat resistant
up to 400° C (colours 005-010, 049, 054 still visible up to 1000° C).
edding 750 paint marker
Paint marker with bullet tip,
permanent, low-odour pigment ink providing
an opaque lacquer finish.
For highly opaque marking of virtually
all materials such as glass, plastic,
wood and metal. Also especially good
on dark and transparent materials.
Colours: 001–010, 049, 053–055.
Order no.
Box of 10 in each colour.
4-750xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-750999
750 N Spare tips.
Order no.
Box of 10.
4-750N
edding 751 paint marker
Paint marker with bullet tip,
permanent, low-odour pigment ink providing
an opaque lacquer finish.
For highly opaque marking of virtually
all materials such as glass, plastic,
wood and metal. Also especially good
on dark and transparent materials.
Colours: 001–010, 049, 053–055.
Order no.
Box of 10 in each colour.
4-751xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-751999
751 N Spare tips.
Order no.
Box of 10.
4-751N
010
055
009
054
008
053
007
049
006
005
004
003
002
001
~1–2 mm
010
055
009
054
008
053
007
049
006
005
004
003
002
001
~2–4 mm
edding 780 paint marker
Paint marker with metal-framed bullet tip,
permanent, low-odour pigment ink providing
an opaque lacquer finish.
For highly opaque marking of virtually
all materials such as glass, plastic,
wood and metal. Also especially good
on dark and transparent materials.
Colours: 001–004, 049, 053–055.
Order no.
Box of 10 in each colour.
4-780xxx*
780 N Spare tips.
Order no.
Box of 10.
4-780N
~0.8 mm
edding 8700 jumbo paint marker
Paint marker with extra-
wide chisel tip, permanent,
low-odour pigment ink
providing an opaque
lacquer finish.
For highly opaque marking of virtually
all materials such as glass, plastic,
wood and metal. Also especially good
on dark and transparent materials.
Colours: 049, 053, 054.
Order no.
Box of 5 in each colour.
4-8700xxx*
~5–18 mm
054
053
049
054
055
053
049
004
003
002
001




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl