Selected language     English  â–¼


4-140-6 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. 4-140-6
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
6
edding retract 11
Permanent marker with bullet tip
and push-button mechanism,
permanent, low-odour ink.
Permanent marker without cap. Reveal tip
by simply pressing the push-button at the
end of the marker. Retract tip by pressing
the catch in the clip or by raising the clip slightly.
New retractable seal system prevents the marker
from drying out when the tip is retracted.
Colours: 001-004, refillable.
Order no.
Box of 10 in each colour.
4-11xxx*
PERMANENT MARKERS
High-quality classics from edding, ideal for writing, marking and labelling almost all materials, including metal,
plastic and glass. Light-fast, quick-drying ink. Waterproof and wear-resistant on almost all surfaces. All models refillable.
Low-odour ink with no added toluene / xylene.
004
003
002
001
From aviation through to surgery and metalworking: with a host
of special markers on offer, edding has the right solution for
almost any area of application and any surface. At the head of
the pack sits the edding permanent marker. Synonymous with
a whole generation of markers, it is available in a particularly
wide selection of stroke widths and colours.
INDUSTRY
~1.5–3 mm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl